Electronic Components Datasheet Search
  English  ▼

X  

MP9928GF Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP9928GF
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GF Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP9928GF Datasheet HTML 10Page - Monolithic Power Systems MP9928GF Datasheet HTML 11Page - Monolithic Power Systems MP9928GF Datasheet HTML 12Page - Monolithic Power Systems MP9928GF Datasheet HTML 13Page - Monolithic Power Systems MP9928GF Datasheet HTML 14Page - Monolithic Power Systems MP9928GF Datasheet HTML 15Page - Monolithic Power Systems MP9928GF Datasheet HTML 16Page - Monolithic Power Systems MP9928GF Datasheet HTML 17Page - Monolithic Power Systems MP9928GF Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
14
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
TSSOP
Pin #
QFN
Pin #
Name
Description
17
15
BG
Bottom gate driver output. Connect this pin to the gate of the synchronous
N-channel MOSFET.
18
16
SW
Switch node. Reference for the VBST supply and high current returns for
bootstrapped switch.
19
17
TG
Top gate drive. The TG pin drives the gate of the top N-channel MOSFET.
The TG driver draws power from the BST capacitor and returns to SW pin,
providing a
true floating drive to the top N-channel MOSFET.
20
18
BST
Bootstrap. This pin is the positive power supply for the internal floating high
side MOSFET driver. Connect a bypass capacitor between this pin and
SW pin.
A diode from VCC1 to this pin charges the BST capacitor when the low
side switch is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com