Electronic Components Datasheet Search
  English  ▼

X  

MP9928GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9928GF
Description  4V-60V Input, Current Mode, Synchronous Step-Down Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9928GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9928GF Datasheet HTML 1Page - Monolithic Power Systems MP9928GF Datasheet HTML 2Page - Monolithic Power Systems MP9928GF Datasheet HTML 3Page - Monolithic Power Systems MP9928GF Datasheet HTML 4Page - Monolithic Power Systems MP9928GF Datasheet HTML 5Page - Monolithic Power Systems MP9928GF Datasheet HTML 6Page - Monolithic Power Systems MP9928GF Datasheet HTML 7Page - Monolithic Power Systems MP9928GF Datasheet HTML 8Page - Monolithic Power Systems MP9928GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
MP9928—4V TO 60V SYNCHRONOUS STEP-DOWN CONTROLLER
MP9928 Rev. 1.0
www.MonolithicPower.com
3
5/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
SYNCO
3
SENSE+
IN
EN/SYNC
COMP
VCC2
FREQ
BG
BST
TG
SENSE-
4
5
6
7
8
18
17
16
15
14
13
PGND
FB
SS
2
19
20
1
SW
SGND
VCC1
CCM/AAM
9
10
ILIM
PG
12
11
SYNCO
VCC1
VCC2
COMP
FB
SS
SGND
BG
PGND
SW
SENSE+
SENSE-
1
2
3
4
5
6
16
15
14
13
12
11
TSSOP-20 EP
QFN-20 (3mmx4mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Input supply voltage (VIN) ............... -0.3V to 65V
EN/SYNC....................................... -0.3V to 50V
SW .........................-0.3V(-4V for <20ns) to 65V
BST - SW...................................... -0.3V to 6.5V
Supply voltage (VCC1) ................. -0.3V to 6.5V
External supply voltage (VCC2) ..... -0.3V to 15V
SENSE + / - ................................... -0.3V to 28V
Differential sense (SENSE+ to SENSE-)............
................................................... -0.7V to +0.7V
TG ..............................VSW - 0.3V to VBST + 0.3V
BG ..................................-0.3V to VCC1 + 0.3V
All other pins............................... -0.3V to +6.5V
Continuous power dissipation (TA = +25°C)
(2)
TSSOP-20 EP ...........................................3.1W
QFN-20 (3mmx4mm) .................................2.6W
Junction temperature .............................. .150
°C
Lead temperature .................................... 260
°C
Storage temperature................ -65
°C to +175°C
Recommended Operating Conditions
(3)
Supply voltage (VIN)......................... 4V to 60V
(4)
Output voltage (VOUT) ................................
≤24V
Supply voltage for (VCC2).................. 5V to 12V
Operating junction temp. (TJ)....-40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
TSSOP-20 EP ........................ 40 ....... 8....
°C/W
QFN-20 (3mmx4mm) ............. 48 ...... 10...
°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA
)/θ
JA.
Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) UVLO_rising is 5V but UVLO_falling is lower than 4V, so
input must be >5V for startup, and after start up MP9928 can
work down to 4V input voltage.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com