Electronic Components Datasheet Search
  English  ▼

X  

MP28164 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP28164
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP28164 Datasheet HTML 12Page - Monolithic Power Systems MP28164 Datasheet HTML 13Page - Monolithic Power Systems MP28164 Datasheet HTML 14Page - Monolithic Power Systems MP28164 Datasheet HTML 15Page - Monolithic Power Systems MP28164 Datasheet HTML 16Page - Monolithic Power Systems MP28164 Datasheet HTML 17Page - Monolithic Power Systems MP28164 Datasheet HTML 18Page - Monolithic Power Systems MP28164 Datasheet HTML 19Page - Monolithic Power Systems MP28164 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
16
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Power Good (PG)
The MP28164 has a power-good (PG) output.
PG is the open drain of the MOSFET. Pull PG up
to VCC through a resistor (typically 100kΩ)
during application. After the FB voltage reaches
91.5% of the VREF voltage, PG is pulled high.
When the FB voltage drops to 76% of the VREF
voltage, PG is pulled low.
PG has self-driving capability. If the MP28164 is
off and PG is pulled up to another DC power
source through a resistor, PG can also be pulled
low (~0.7V) by the self-driving circuit.
Over-Voltage Protection (OVP)
If VOUT is higher than the typical 6.3V value, the
switching stops. This helps protect the device
from high-voltage stress. After the output drops
below 5.3V, the switching recovers automatically.
Over-Temperature Protection (OTP)
An internal temperature sensor continuously
monitors the IC junction temperature. If the IC
temperature exceeds 160°C, the device stops
operating. Once the temperature falls below
140°C, normal operation resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com