Electronic Components Datasheet Search
  English  ▼

X  

MP28164 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP28164
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP28164 Datasheet HTML 1Page - Monolithic Power Systems MP28164 Datasheet HTML 2Page - Monolithic Power Systems MP28164 Datasheet HTML 3Page - Monolithic Power Systems MP28164 Datasheet HTML 4Page - Monolithic Power Systems MP28164 Datasheet HTML 5Page - Monolithic Power Systems MP28164 Datasheet HTML 6Page - Monolithic Power Systems MP28164 Datasheet HTML 7Page - Monolithic Power Systems MP28164 Datasheet HTML 8Page - Monolithic Power Systems MP28164 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
3
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND.......................................-0.3V to 6V
SW1/2 to GND .................. -0.3V (-2V for <10ns)
to 6.5V (8.5V for <10ns)
All other pins .....................................-0.3V to 6V
Junction temperature ................................150°C
Lead temperature .....................................260°C
Continuous power dissipation (TA = +25°C)
(2)
QFN-11 (2mmx3mm)............................... 1.78W
Storage temperature................ -65
C to +150C
Recommended Operating Conditions
(3)
Startup supply voltage (VST)............1.8V to 5.5V
Operation voltage (VIN) ...............1.2V
(4) to 5.5V
Output voltage (VOUT).........................1.5V to 5V
Operating junction. temp. (TJ)...-40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN-11 (2mmx3mm) ….…..70.......15.......°C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) If VCC is powered from a source higher than 1.8V (such as
VOUT), the MP28164 can work down to VIN = 1.2V, but the load
capability is lower when VIN = 1.2V because of the high
RDS(ON) of SWA and low current limit.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com