Electronic Components Datasheet Search
  English  ▼

X  

MP28164 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP28164
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28164 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP28164 Datasheet HTML 1Page - Monolithic Power Systems MP28164 Datasheet HTML 2Page - Monolithic Power Systems MP28164 Datasheet HTML 3Page - Monolithic Power Systems MP28164 Datasheet HTML 4Page - Monolithic Power Systems MP28164 Datasheet HTML 5Page - Monolithic Power Systems MP28164 Datasheet HTML 6Page - Monolithic Power Systems MP28164 Datasheet HTML 7Page - Monolithic Power Systems MP28164 Datasheet HTML 8Page - Monolithic Power Systems MP28164 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER WITH 4.2A SWITCHES
MP28164 Rev. 1.0
www.MonolithicPower.com
5
3/28/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 3.3V, L = 1µH, COUT = 2x22µF, TA = 25°C, unless otherwise noted.
0
5
10
15
20
25
30
35
40
45
50
1.5
2.5
3.5
4.5
5.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40 -20 0 20 40 60 80100 120140
480
485
490
495
500
505
510
515
520
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
1.6
1.7
1.8
1.9
0.0
0.2
0.4
0.6
0.8
1.0
1800
1850
1900
1950
2000
2050
2100
2150
2200
Supplied by VOUT
Limit for Steady State
Limit for Start-Up
Limit for Steady State
Limit for Start-Up
Rising
Falling
VIN Rising
VCC Falling
-40 -20 0 20 40 60 80100 120140
-40 -20 0 20 40 60 80100 120140
-40 -20 0 20 40 60 80100 120140
-40 -20 0 20 40 60 80100 120140
-40 -20 0 20 40 60 80100 120140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com