Electronic Components Datasheet Search
  English  ▼

X  

SIT2002B Datasheet(PDF) 8 Page - SiTime Corp.

Part # SIT2002B
Description  High Frequency, Single Chip, One-output Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2002B Datasheet(HTML) 8 Page - SiTime Corp.

Back Button SIT2002B Datasheet HTML 4Page - SiTime Corp. SIT2002B Datasheet HTML 5Page - SiTime Corp. SIT2002B Datasheet HTML 6Page - SiTime Corp. SIT2002B Datasheet HTML 7Page - SiTime Corp. SIT2002B Datasheet HTML 8Page - SiTime Corp. SIT2002B Datasheet HTML 9Page - SiTime Corp. SIT2002B Datasheet HTML 10Page - SiTime Corp. SIT2002B Datasheet HTML 11Page - SiTime Corp. SIT2002B Datasheet HTML 12Page - SiTime Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev. 1.0
Page 8 of 12
www.sitime.com
The Smart Timing Choice
The Smart Timing Choice
SiT2002B
High Frequency, Single Chip, One-output Clock Generator
Note:
10. “n/a” in Table 7 to Table 11 indicates that the resulting rise/fall time from the respective combination of the drive strength and output load does not provide
rail-to-rail swing and is not available.
Rise/Fall Time (20% to 80%) vs CLOAD Tables
Table 7. Vdd = 1.8V Rise/Fall Times for Specific CLOAD
Table 8. Vdd = 2.5V Rise/Fall Times for Specific CLOAD
Table 9. Vdd = 2.8V Rise/Fall Times for Specific CLOAD
Table 10. Vdd = 3.0V Rise/Fall Times for Specific CLOAD
Table 11. Vdd = 3.3V Rise/Fall Times for Specific CLOAD
Drive Strength \ C LOAD
5 pF
15 pF
T
0.93
E
0.78
0.70
1.48
0.65
1.30
Rise/Fall Time Typ (ns)
30 pF
n/a
n/a
n/a
n/a
F or "-": default
U
n/a
n/a
Drive Strength \ CLOAD
5 pF
15 pF
R
1.45
n/a
B
1.09
n/a
T
0.62
1.28
E
0.54
1.00
0.43
0.96
F
0.34
0.88
Rise/Fall Time Typ (ns)
U or "-": default
30 pF
n/a
n/a
n/a
n/a
n/a
n/a
Drive Strength \ CLOAD
5 pF
15 pF
30 pF
R
1.29
n/a
n/a
B
0.97
n/a
n/a
T
0.55
1.12
n/a
E
0.44
1.00
n/a
0.34
0.88
n/a
F
0.29
0.81
1.48
Rise/Fall Time Typ (ns)
U or "-": default
Drive Strength \ CLOAD
5 pF
15 pF
30 pF
R
1.22
n/a
n/a
B
0.89
n/a
n/a
T or "-": default
0.51
1.00
n/a
E
0.38
0.92
n/a
U
0.30
0.83
n/a
F
0.27
0.76
1.39
Rise/Fall Time Typ (ns)
Drive Strength \ CLOAD
5 pF
15 pF
30 pF
R
1.16
n/a
n/a
B
0.81
n/a
n/a
T or "-": default
0.46
1.00
n/a
E
0.33
0.87
n/a
U
0.28
0.79
1.46
F
0.25
0.72
1.31
Rise/Fall Time Typ (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com