Electronic Components Datasheet Search
  English  ▼

X  

SIT2002B Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT2002B
Description  High Frequency, Single Chip, One-output Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2002B Datasheet(HTML) 3 Page - SiTime Corp.

  SIT2002B Datasheet HTML 1Page - SiTime Corp. SIT2002B Datasheet HTML 2Page - SiTime Corp. SIT2002B Datasheet HTML 3Page - SiTime Corp. SIT2002B Datasheet HTML 4Page - SiTime Corp. SIT2002B Datasheet HTML 5Page - SiTime Corp. SIT2002B Datasheet HTML 6Page - SiTime Corp. SIT2002B Datasheet HTML 7Page - SiTime Corp. SIT2002B Datasheet HTML 8Page - SiTime Corp. SIT2002B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. 1.0
Page 3 of 12
www.sitime.com
The Smart Timing Choice
The Smart Timing Choice
SiT2002B
High Frequency, Single Chip, One-output Clock Generator
N
Note:
4. Refer to JESD51 for
JA and JC definitions, and reference layout used to determine the JA and JC values in the above table.
Note:
5. Datasheet specifications are not guaranteed if junction temperature exceeds the maximum operating junction temperature.
Table 3. Absolute Maximum Limits
Attempted operation outside the absolute maximum ratings of the part may cause permanent damage to the part. Actual perfor-
mance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Min.
Max.
Unit
Storage Temperature
-65
150
°C
Vdd
-0.5
4
V
Electrostatic Discharge
–
2000
V
Soldering Temperature (follow standard Pb free soldering guidelines)
–
260
°C
Junction Temperature[3]
–
150
°C
Note:
3. Exceeding this temperature for extended period of time may damage the device.
Table 4. Thermal Consideration[4]
Package
JA, 4 Layer Board
(°C/W)
JC, Bottom
(°C/W)
SOT23-5
421
175
Table 5. Maximum Operating Junction Temperature[5]
Max Operating Temperature
Maximum Operating Junction Temperature
70°C
80°C
85°C
95°C
Table 6. Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL1 @ 260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com