Electronic Components Datasheet Search
  English  ▼

X  

ADF4218 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4218
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4218 Datasheet(HTML) 1 Page - Analog Devices

  ADF4218 Datasheet HTML 1Page - Analog Devices ADF4218 Datasheet HTML 2Page - Analog Devices ADF4218 Datasheet HTML 3Page - Analog Devices ADF4218 Datasheet HTML 4Page - Analog Devices ADF4218 Datasheet HTML 5Page - Analog Devices ADF4218 Datasheet HTML 6Page - Analog Devices ADF4218 Datasheet HTML 7Page - Analog Devices ADF4218 Datasheet HTML 8Page - Analog Devices ADF4218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADF4216/ADF4217/ADF4218
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Dual RF PLL Frequency Synthesizers
FUNCTIONAL BLOCK DIAGRAM
22-BIT
DATA
REGISTER
SDOUT
OSCILLATOR
CLOCK
DATA
LE
IF
LOCK
DETECT
MUXOUT
ADF4216/ADF4217/ADF4218
CP
RF
CP
IF
CHARGE
PUMP
PHASE
COMPARATOR
OUTPUT
MUX
REF
IN
RF
PRESCALER
RFINA
CHARGE
PUMP
PHASE
COMPARATOR
RF
LOCK
DETECT
V
DD1VDD2VP1VP2
AGND
RF
DGND
RF
DGND
IF
AGND
IF
RFINB
DGND
IF
IF
PRESCALER
IFINA
11-BIT IF
B-COUNTER
6-BIT IF
A-COUNTER
IFINB
N = BP + A
N = BP + A
14-BIT IF
R-COUNTER
14-BIT IF
R-COUNTER
11-BIT RF
B-COUNTER
6-BIT RF
A-COUNTER
FEATURES
ADF4216: 550 MHz/1.2 GHz
ADF4217: 550 MHz/2.0 GHz
ADF4218: 550 MHz/2.5 GHz
2.7 V to 5.5 V Power Supply
Selectable Charge Pump Currents
Selectable Dual Modulus Prescaler
IF: 8/9 or 16/17
RF: 32/33 or 64/65
3-Wire Serial Interface
Power-Down Mode
APPLICATIONS
Wireless Handsets (GSM, PCS, DCS, CDMA, WCDMA)
Base Stations for Wireless Radio (GSM, PCS, DCS,
CDMA, WCDMA)
Wireless LANS
Communications Test Equipment
CATV Equipment
GENERAL DESCRIPTION
The ADF4216/ADF4217/ADF4218 are dual frequency synthe-
sizers that can be used to implement local oscillators (LOs) in
the upconversion and downconversion sections of wireless
receivers and transmitters. They can provide the LO for both
the RF and IF sections. They consist of a low-noise digital PFD
(Phase Frequency Detector), a precision charge pump, a pro-
grammable reference divider, programmable A and B counters,
and a dual-modulus prescaler (P/P+1). The A (6-bit) and B
(11-bit) counters, in conjunction with the dual modulus prescaler
(P/P+1), implement an N divider (N = BP + A). In addition,
the 14-bit reference counter (R Counter), allows selectable
REFIN frequencies at the PFD input. A complete PLL (Phase-
Locked Loop) can be implemented if the synthesizers are
used with an external loop filter and VCOs (Voltage Con-
trolled Oscillators).
Control of all the on-chip registers is via a simple 3-wire interface.
The devices operate with a power supply ranging from 2.7 V
to 5.5 V and can be powered down when not in use.


Similar Part No. - ADF4218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4218L AD-ADF4218L Datasheet
273Kb / 24P
Dual Low Power Frequency Synthesizers
5/03-Data Sheet changed from REV. B to REV. C.
ADF4218L AD-ADF4218L_15 Datasheet
290Kb / 24P
Dual Low Power Frequency Synthesizers
REV. C
More results

Similar Description - ADF4218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
RF PLL Frequency Synthesizers
REV.0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
RF PLL Frequency Synthesizers
REV.0
ADF4206 AD-ADF4206 Datasheet
206Kb / 20P
Dual RF PLL Frequency Synthesizers
REV.0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
Dual RF PLL Frequency Synthesizers
REV. 0
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
RF PLL Frequency Synthesizers
REV. D
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
Dual RF/IF PLL Frequency Synthesizers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com