Electronic Components Datasheet Search
  English  ▼

X  

ADF4218 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4218
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4218 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4218 Datasheet HTML 12Page - Analog Devices ADF4218 Datasheet HTML 13Page - Analog Devices ADF4218 Datasheet HTML 14Page - Analog Devices ADF4218 Datasheet HTML 15Page - Analog Devices ADF4218 Datasheet HTML 16Page - Analog Devices ADF4218 Datasheet HTML 17Page - Analog Devices ADF4218 Datasheet HTML 18Page - Analog Devices ADF4218 Datasheet HTML 19Page - Analog Devices ADF4218 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
ADF4216/ADF4217/ADF4218
–18–
400pF
VCO190-125T
100pF
18
9k
3.3k
V
CC
100pF
18
18
V
P
3.9nF
1nF
51
V
P1
MUXOUT
RFIN
ADF4216
REFIN
CLK
DATA
LE
V
DD1
V
DD2
IFIN
CP
IF
V
P2
CP
RF
VCO190-1068U
100pF 18
V
CC
100pF
18
18
V
P
100pF
51
LOCK
DETECT
IFOUT
RFOUT
V
DD
13MHz
TCXO
V
DD
DECOUPLING CAPACITORS (22 F/10pF) ON V
DD1, VP, OF THE ADF4216, THE TCXO, AND
ON V
CC OF THE VCOs, HAVE BEEN OMITTED FROM THE DIAGRAM TO AID CLARITY.
620pF
620pF
620pF
5.8k
6nF
3.3k
Figure 7. GSM Handset Receiver Local Oscillator Using the ADF4216
VCO190-200T
100pF
18
3.3k
V
CC
100pF
18
18
V
P
1nF
51
V
P1
MUXOUT
RFIN
ADF4217
REFIN
CLK
DATA
LE
V
DD1
V
DD2
IFIN
CP
IF
V
P2
CP
RF
VCO190-1750T
100pF 18
V
CC
100pF
18
18
V
P
100pF
51
LOCK
DETECT
IFOUT
RFOUT
V
DD
10MHz
TCXO
V
DD
DECOUPLING CAPACITORS (22 F/10pF) ON V
DD1, VP, OF THE ADF4217, THE TCXO, AND
ON V
CC OF THE VCOs, HAVE BEEN OMITTED FROM THE DIAGRAM TO AID CLARITY.
2.4nF
1.5k
24nF
450pF
760pF
690pF
4.7k
7.5nF
3.3k
Figure 8. Local Oscillator for WCDMA Receiver Using the ADF4217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com