Electronic Components Datasheet Search
  English  ▼

X  

ADF4218 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4218
Description  Dual RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4218 Datasheet(HTML) 2 Page - Analog Devices

  ADF4218 Datasheet HTML 1Page - Analog Devices ADF4218 Datasheet HTML 2Page - Analog Devices ADF4218 Datasheet HTML 3Page - Analog Devices ADF4218 Datasheet HTML 4Page - Analog Devices ADF4218 Datasheet HTML 5Page - Analog Devices ADF4218 Datasheet HTML 6Page - Analog Devices ADF4218 Datasheet HTML 7Page - Analog Devices ADF4218 Datasheet HTML 8Page - Analog Devices ADF4218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADF4216/ADF4217/ADF4218–SPECIFICATIONS1(V
DD1 = VDD2 = 3 V
10%, 5 V
10%;
VDD1, VDD2
VP1, VP2
6.0 V ; AGNDRF = DGNDRF = AGNDIF = DGNDIF = 0 V; TA = TMIN to TMAX unless otherwise noted.)
Parameter
B Version
B Chips
2
Unit
Test Conditions/Comments
RF/IF CHARACTERISTICS (3 V)
RF Input Frequency (RFIN)
See Figure 3 for Input Circuit.
ADF4216
0.2/1.2
0.2/1.2
GHz min/max
For lower frequency operation (below the
ADF4217
0.2/2.0
0.2/2.0
GHz min/max
minimum stated) use a square wave source.
ADF4218
0.5/2.5
0.5/2.5
GHz min/max
IF Input Frequency (IFIN)
45/550
45/550
MHz min/max
RF Input Sensitivity
–15/+4
–15/+4
dBm min/max
IF Input Sensitivity
–10/+4
–10/+4
dBm min/max
Maximum Allowable
Prescaler Output Frequency
3
165
165
MHz max
RF/IF CHARACTERISTICS (5 V)
RF Input Frequency (RFIN)
See Figure 3 for Input Circuit.
ADF4216
0.2/1.2
0.2/1.2
GHz min/max
For lower frequency operation (below the
ADF4217
0.2/2.0
0.2/2.0
GHz min/max
minimum stated) use a square wave source.
ADF4218
0.5/2.5
0.5/2.5
GHz min/max
IF Input Frequency (IFIN)
25/550
25/550
MHz min/max
RF Input Sensitivity
–15/+4
–15/+4
dBm min/max
IF Input Sensitivity
–10/+4
–10/+4
dBm min/max
Maximum Allowable
Prescaler Output Frequency
3
200
200
MHz max
REFIN CHARACTERISTICS
REFIN Input Frequency
5/40
5/40
MHz min/max
For f < 5 MHz, use dc-coupled square wave
(0 to VDD).
REFIN Input Sensitivity
4
0.5
0.5
V p-p min
AC-Coupled. When DC-Coupled:
0 to VDD max (CMOS-Compatible)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency
5
40
40
MHz max
CHARGE PUMP
ICP Sink/Source
High Value
4.5
4.5
mA typ
Low Value
1.125
1.125
mA typ
Absolute Accuracy
1
1
% typ
ICP Three-State Leakage Current
1
1
nA typ
Sink and Source Current Matching
1
1
% typ
ICP vs. VCP
10
10
% max
0.5 V
VCP
VP – 0.5 V
ICP vs. Temperature
10
10
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
0.8
× V
DD
0.8
× V
DD
V min
VINL, Input Low Voltage
0.2
× V
DD
0.2
× V
DD
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
Oscillator Input Current
±100
±100
µA max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD – 0.4
VDD – 0.4
V min
IOH = 500
µA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500
µA
POWER SUPPLIES
VDD1
2.7/5.5
2.7/5.5
V min/V max
VDD2VDD1VDD1
VP
VDD1/6.0
VDD1/6.0
V min/V max
AVDD
VP
6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com