Electronic Components Datasheet Search
  English  ▼

X  

MP1400 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1400
Description  7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1400 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1400 Datasheet HTML 1Page - Monolithic Power Systems MP1400 Datasheet HTML 2Page - Monolithic Power Systems MP1400 Datasheet HTML 3Page - Monolithic Power Systems MP1400 Datasheet HTML 4Page - Monolithic Power Systems MP1400 Datasheet HTML 5Page - Monolithic Power Systems MP1400 Datasheet HTML 6Page - Monolithic Power Systems MP1400 Datasheet HTML 7Page - Monolithic Power Systems MP1400 Datasheet HTML 8Page - Monolithic Power Systems MP1400 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP1400 – NEGATIVE DCDC POWER CONVERTER
MP1400 Rev.1.1
www.MonolithicPower.com
2
5/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP1400GC
CSP
0.8mm x 1.6mm
BT
* For Tape & Reel, add suffix –Z (e.g. MP1400GC–Z);
PACKAGE REFERENCE
A
B
C
D
12
REF
FB
EN
VOUT
GND
GND
SW
IN
CSP (0.8mm x 1.6mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ...................................... 7.5V
VSW......................................................................
VOUT-0.7V (-8V for <10ns) to 8V (9V for <10ns)
Output Voltage VOUT................................... -6.5V
All Other Pins................................-0.3V to 6.5 V
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Continuous Power Dissipation (TA = +25°C)
(2)
……….….. ............................................... 0.75W
Storage Temperature............... -65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.7V to 7V
Output Voltage VOUT........................ -0.9V to -6V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
CSP8 …………………………… 170…..na…°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com