Electronic Components Datasheet Search
  English  ▼

X  

MP1400 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1400
Description  7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1400 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1400 Datasheet HTML 7Page - Monolithic Power Systems MP1400 Datasheet HTML 8Page - Monolithic Power Systems MP1400 Datasheet HTML 9Page - Monolithic Power Systems MP1400 Datasheet HTML 10Page - Monolithic Power Systems MP1400 Datasheet HTML 11Page - Monolithic Power Systems MP1400 Datasheet HTML 12Page - Monolithic Power Systems MP1400 Datasheet HTML 13Page - Monolithic Power Systems MP1400 Datasheet HTML 14Page - Monolithic Power Systems MP1400 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP1400 – NEGATIVE DCDC POWER CONVERTER
MP1400 Rev.1.1
www.MonolithicPower.com
12
5/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The voltage on R1 is 1.19V. There is a REF
current on R1 which is decided by R1’s
resistance.
The recommended REF current
should be 10μA and R1 resistance should be
120k. Don’t set the REF current larger than 70μA.
R2 is then given by:
OUT
21
V
RR
1.19

The feedback circuit is shown as Figure 2.
VOUT
FB
REF
VOUT
MP1400
R2
R1
Figure 2: Feedback Network
Table 1 lists the recommended resistors value for
common output voltages.
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
-1.8
24.9(1%)
37.4(1%)
-2.5
24.9(1%)
52.3(1%)
-3.3
24.9(1%)
69.8(1%)
-5
24.9(1%)
105(1%)
Selecting the Inductor
A 1µH to 10µH inductor is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be small enough.
For most designs, the inductance value can be
derived from the following equation.

IN
OUT
1
LOUT
IN
OSC
VV
L
IV
V
f

Where ΔIL is the inductor ripple current.
fOSC is switching frequency.
Choose
inductor
ripple
current
to
be
approximately 30% to 80% of the inductor current.
The inductor current is:
IN
OUT
LOUT
IN
VV
II
V
Then the peak inductor current at CCM is:
Peak
L
L
1
II
I
2
  
High-frequency ferrite-core inductor materials
reduce frequency-dependent power losses and
improve
efficiency
compared
to
cheaper
powdered-iron cores. The inductor should have
low DCR (inductor series resistance without
saturated windings) to reduce the resistive power
loss; further reducing the DCR will significantly
improve efficiency when DCR<<RDS-ON. Select a
large-enough saturation current (ISAT) to support
the current peak.
Selecting the Input Capacitor
Low ESR input capacitors reduce input switching
noise and reduce the peak current drawn from
the battery. It follows the ceramic capacitors are
also a good choice for input decoupling and
should be located as close as possible to the
device. At least a ceramic capacitor larger than
10uF is recommended to put close to the IC.
Setting the Output Capacitor
The output capacitor (COUT) is required to
maintain the DC output voltage. The output
capacitor requires a minimum capacitance value
of 22μF at the programmed output voltage to
ensure stability over the full operating range. A
higher capacitance value may be required to
lower the output ripple and also the transient
response. Low ESR capacitors, such as X5R- or
X7R-type ceramic capacitors, are recommended.
Assuming that the ESR is zero, estimate the
minimum output capacitance to support the ripple
in the PWM mode as

OUT
OUT
OUT
OSC
OUT
OUT
IN
IV
C
fV
V
V




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com