Electronic Components Datasheet Search
  English  ▼

X  

MP1400 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1400
Description  7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1400 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1400 Datasheet HTML 7Page - Monolithic Power Systems MP1400 Datasheet HTML 8Page - Monolithic Power Systems MP1400 Datasheet HTML 9Page - Monolithic Power Systems MP1400 Datasheet HTML 10Page - Monolithic Power Systems MP1400 Datasheet HTML 11Page - Monolithic Power Systems MP1400 Datasheet HTML 12Page - Monolithic Power Systems MP1400 Datasheet HTML 13Page - Monolithic Power Systems MP1400 Datasheet HTML 14Page - Monolithic Power Systems MP1400 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP1400 – NEGATIVE DCDC POWER CONVERTER
MP1400 Rev.1.1
www.MonolithicPower.com
13
5/27/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Additional output capacitance may also be
required to reduce ripple in DCM mode and to
ensure stability in PWM mode, especially at
higher output load current.
Power Dissipation
IC power dissipation plays an important role in
circuit design—not only because of efficiency
concerns, but also because of the chip’s thermal
requirements.
Several
parameters
influence
power dissipation, such as:
Conduction Loss (Cond)
Dead time (DT)
Switching Loss (SW)
MOSFET Driver Current (DR)
Supply Current (S)
Based on these parameters, we can estimate the
power loss to equal:
LOSS
Cond
DT
SW
DR
S
PP
P
P
P
P

PCB Layout
Layout is important, especially for switching
power supplies with high switching frequencies;
poor layout results in reduced performance, EMI
problems, resistive loss, and even system
instability.
Following the rules below can help ensure a
stable layout design:
1. Connect the GND pin to the large ground
plane by point connect mode.
2. Put the input capacitor as close as possible
to the VIN pin while keep the GND end of the
output capacitor close to the GND end of the
input capacitor.
3. Put the cathode of the schottky close to the
SW pin and the anode of the schottky close
to the output capacitor to minimize parasitic
inductance.
4. Route SW away from sensitive analog areas
such as FB. It’s not recommended to route
SW trace under chip’s bottom side.
Notes:
7) The recommended layout is based on the Figure 3 Typical
Application circuit on the next page.
VIN
R1
GND
SW
L1
GND
C2A
R2
U1
C2B
C2C
D1
VOUT
VIN
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
5V
VOUT
-5V
Io
0.6A
The detailed application schematic is shown in
Figure 3. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com