Electronic Components Datasheet Search
  English  ▼

X  

MP2013 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2013
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2013 Datasheet HTML 5Page - Monolithic Power Systems MP2013 Datasheet HTML 6Page - Monolithic Power Systems MP2013 Datasheet HTML 7Page - Monolithic Power Systems MP2013 Datasheet HTML 8Page - Monolithic Power Systems MP2013 Datasheet HTML 9Page - Monolithic Power Systems MP2013 Datasheet HTML 10Page - Monolithic Power Systems MP2013 Datasheet HTML 11Page - Monolithic Power Systems MP2013 Datasheet HTML 12Page - Monolithic Power Systems MP2013 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
OPERATION
The MP2013 is a linear regulator that supplies
power to systems with high voltage batteries. It
includes a wide 2.5V to 40V input range, low
dropout voltage and low quiescent supply
current.
The MP2013 provides wide variety of fixed
output voltage options: 1.8V, 1.9V, 2.3V, 2.5V,
3.0V, 3.3V, 3.45V, 5.0V; and also provides the
output adjustable option (from 1.215V to 15V).
The output adjustable version has an output
that is adjustable from 1.215V to 15V with a
simple
resistor
divider.
It
uses
external
feedback, allowing the user to set the output
voltage with an external resistor divider. The
typical FB pin voltage is 1.215V.
The regulator output current is internally limited
and the device is protected against over-load
and over-temperature conditions.
The peak output current is limited to around
270mA,
which
exceeds
the
150mA
recommended continuous output current.
When the junction temperature is too high, the
thermal sensor sends a signal to the control
logic that will shutdown the IC. The IC will
restart when the temperature has sufficiently
cooled.
The maximum power output current is a
function of the package’s maximum power
dissipation for a given temperature.
The maximum power dissipation is dependent
on the thermal resistance of the case and the
circuit
board,
the
temperature
difference
between the die junction and the ambient air,
and the rate of air flow. The GND pin and
Exposed Pad must be connected to the ground
plane for proper dissipation.
UVLO
Vreference
EA
VIN1
VIN2
VOUT
FB
GND
For fixed output
version only
Figure 1: Functional Block Diagram
MP2013 Rev. 1.0
www.MonolithicPower.com
9
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com