Electronic Components Datasheet Search
  English  ▼

X  

MP2013 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2013
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2013 Datasheet HTML 1Page - Monolithic Power Systems MP2013 Datasheet HTML 2Page - Monolithic Power Systems MP2013 Datasheet HTML 3Page - Monolithic Power Systems MP2013 Datasheet HTML 4Page - Monolithic Power Systems MP2013 Datasheet HTML 5Page - Monolithic Power Systems MP2013 Datasheet HTML 6Page - Monolithic Power Systems MP2013 Datasheet HTML 7Page - Monolithic Power Systems MP2013 Datasheet HTML 8Page - Monolithic Power Systems MP2013 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP2013
40V, 150mA, Low Quiescent Current
Linear Regulator
DESCRIPTION
The MP2013 is a low power linear regulator that
supplies power to systems with high voltage
batteries. It includes a wide 2.5V to 40V input
range, low dropout voltage and low quiescent
supply current. The low quiescent current and
low
dropout
voltage
allow
operations
at
extremely low power levels. Therefore, the
MP2013
are
ideal
for
the
low
power
microcontrollers
and
the
battery-powered
equipments.
The MP2013 provides wide variety of fixed
output voltage options (if request): 1.8V, 1.9V,
2.3V, 2.5V, 3.0V, 3.3V, 3.45V, 5.0V; and also
provides the output adjustable option (from
1.215V to 15V).
The regulator output current is internally limited
and the device is protected against over-load
and over-temperature conditions.
The MP2013 also includes thermal shutdown
and current limiting fault protection, and is
available in QFN6 (2x2mm), QFN8 (3x3mm)
and TSOT23-5 packages.
FEATURES
• 2.5V to 40V Input Range
• 3.2µA Quiescent Supply Current
• Stable With low-value output ceramic
capacitor (> 0.47 μF)
• 150mA specified current
• 620mV Dropout at 150mA Load
• Available in Fixed and Adjustable output
(1.215 V to 15 V) versions
• Output ±2% Accuracy
• Specified current limit
• Thermal Shutdown
• -40°C to +125°C Specified Junction
Temperature Range
• Available in TSOT23-5, QFN6 (2x2mm), or
QFN8 (3x3mm) Packages
APPLICATIONS
• Industrial/Automotive Applications
• Portable/Battery-Powered Equipment
• Ultra low power Microcontrollers
• Cellular Handsets
• Medical Imaging
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN1
OUT
IN2
FB
GND
Vout
IN1
OUT
IN2
GND
FB
VOUT
Output Adjustable Version
Output Fixed Version
MP2013 Rev. 1.0
www.MonolithicPower.com
1
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.


Similar Part No. - MP2013

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MP2013AGG MPS-MP2013AGG Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MP2013AGG-33 MPS-MP2013AGG-33 Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MP2013AGG-5 MPS-MP2013AGG-5 Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MP2013AGQ MPS-MP2013AGQ Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
More results

Similar Description - MP2013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
October 21, 2011
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL78301FVEAZ INTERSIL-ISL78301FVEAZ Datasheet
392Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
April 7, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MPQ2013A MPS-MPQ2013A Datasheet
612Kb / 19P
40V, 150mA, Low Quiescent Current Linear Regulator AEC-Q100 Qualified
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
MPQ2013BGQ-33 MPS-MPQ2013BGQ-33 Datasheet
462Kb / 8P
40V, 150mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
ISL80410 RENESAS-ISL80410 Datasheet
783Kb / 12P
40V, Low Quiescent Current, High Accuracy, 150mA Linear Regulator
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com