Electronic Components Datasheet Search
  English  ▼

X  

MP2013 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2013
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2013 Datasheet HTML 7Page - Monolithic Power Systems MP2013 Datasheet HTML 8Page - Monolithic Power Systems MP2013 Datasheet HTML 9Page - Monolithic Power Systems MP2013 Datasheet HTML 10Page - Monolithic Power Systems MP2013 Datasheet HTML 11Page - Monolithic Power Systems MP2013 Datasheet HTML 12Page - Monolithic Power Systems MP2013 Datasheet HTML 13Page - Monolithic Power Systems MP2013 Datasheet HTML 14Page - Monolithic Power Systems MP2013 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
QFN6 (2x2mm)
SIDE VIEW
TOP VIEW
1
6
4
3
BOTTOM VIEW
1.90
2.10
0.65
0.85
1.90
2.10
1.25
1.45
0.65
BSC
0.20
0.30
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
0.70
0.65
0.25
RECOMMENDED LAND PATTERN
1.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-229, VARIATION VCCC.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
1.40
0.70
PIN 1 ID OPTION A
0.30x45º TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
0.30
0.40
PIN 1 ID
INDEX AREA
MP2013 Rev. 1.0
www.MonolithicPower.com
14
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com