Electronic Components Datasheet Search
  English  ▼

X  

MP3427GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3427GL Datasheet HTML 12Page - Monolithic Power Systems MP3427GL Datasheet HTML 13Page - Monolithic Power Systems MP3427GL Datasheet HTML 14Page - Monolithic Power Systems MP3427GL Datasheet HTML 15Page - Monolithic Power Systems MP3427GL Datasheet HTML 16Page - Monolithic Power Systems MP3427GL Datasheet HTML 17Page - Monolithic Power Systems MP3427GL Datasheet HTML 18Page - Monolithic Power Systems MP3427GL Datasheet HTML 19Page - Monolithic Power Systems MP3427GL Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP3427 – 17A, 600kHz, 8V WIDE INPUT RANGE SYNCHRONOUS BOOST CONVERTER IN A SMALL 3X4MM QFN PACKAGE
MP3427 Rev. 1.0
www.MonolithicPower.com
16
12/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The MOSFET voltage rating should be equal to
or greater than the output voltage. The average
current rating must be greater than the maximum
load current. The peak-current rating must be
greater than the peak-inductor current. If a
Schottky diode is used as the output rectifier, the
same specifications should be considered.
Compensation
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The poles are FP1, set by the output capacitor
(COUT) and the load resistance, and FP2, which
starts from the origin. The zero FZ1 is set by the
compensation
capacitor
(CCOMP)
and
the
compensation
resistor
(RCOMP).
These
are
determined by the equations:
P1
LOAD
OUT
1
F(Hz)
2R
C
=
×π×
×
Z1
COMP
COMP
1
F(Hz)
2R
C
=
×π×
×
Where, RLOAD is the load resistance.
The DC loop gain is:
)
/
(
2
2
V
V
V
R
G
V
R
V
A
A
OUT
COMP
CS
FB
LOAD
IN
VEA
VDC
×
×
×
×
×
×
=
Where GCS is the compensation voltage to the
inductor-current gain, AVEA is the error amplifier
voltage gain, and the VFB is the feedback
regulation threshold.
Also, there is a right-half-plane zero (FRHPZ) that
exists in continuous conduction mode (CCM); the
inductor current does not drop to zero each cycle.
The frequency of the right-half-plane zero is:
2
LOAD
IN
RHP
OUT
R
V
F(
) (Hz)
2L
V
=×
×π×
The right-half-plane zero increases the gain and
reduces the phase simultaneously, resulting in a
smaller phase and gain margin. The worst case
happens during conditions of minimum input
voltage and maximum output power.
Compensation recommendations are listed in the
“Typical Application Circuits” section.
PCB Layout Guide
High-frequency switching regulators require very
careful layout for stable operation and low noise.
All components must be placed as close to the IC
as possible.
1
2
3
4
5
6
7
8
1
2
2
1
1
2
1
2
2
1
2
1
1
2
1
2
Figure 4. PCB Layout Reference
Refer to Figure 4 and the recommended layout
guidelines below to optimize performance:
1. Make the output loop consisting of SW,
PGND, Q1 and C2 as small as possible.
2. Place FB divider R1 and R2 as close as
possible to FB.
3. Route the sensing traces (SENSE and IN) in
parallel closely with a small closed area. The
0805 package is recommended for the
sensing resistor R4 in order to reduce
parasitic inductance.
4. Connect FB and OUT feedback from the
output capacitor C2.
5. Connect the compensation components and
SS capacitor to AGND with a short loop.
6. Make a short connection from the VDD
capacitor to AGND. Do NOT connect to
PGND net before connecting to IC-AGND.
7. The input path consisting of C1, L1, SW,
PGND, BST path, and SDR path should be
as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com