Electronic Components Datasheet Search
  English  ▼

X  

MP3427GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3427GL Datasheet HTML 6Page - Monolithic Power Systems MP3427GL Datasheet HTML 7Page - Monolithic Power Systems MP3427GL Datasheet HTML 8Page - Monolithic Power Systems MP3427GL Datasheet HTML 9Page - Monolithic Power Systems MP3427GL Datasheet HTML 10Page - Monolithic Power Systems MP3427GL Datasheet HTML 11Page - Monolithic Power Systems MP3427GL Datasheet HTML 12Page - Monolithic Power Systems MP3427GL Datasheet HTML 13Page - Monolithic Power Systems MP3427GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP3427 – 17A, 600kHz, 8V WIDE INPUT RANGE SYNCHRONOUS BOOST CONVERTER IN A SMALL 3X4MM QFN PACKAGE
MP3427 Rev. 1.0
www.MonolithicPower.com
10
12/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name Description
1
BST
Bootstrap. BST powers the SDR driver.
2
SDR
Synchronous Gate Driver for the Output Rectifier.
3
OUT
Sample Output Voltage. OUT provides the sample output voltage and the charge for the
BST capacitor. In addition, VDD is powered from OUT when VOUT is higher than VIN.
4
EN
Chip Enable Control Input. Active high. Regulator on/off control input. When not used,
connect EN to the input source (through a 100kΩ pull-up resistor if VIN > 5.5V) for
automatic start-up. Also, EN can program Vin UVLO. Do not leave EN floating.
5
MODE
Mode Select. Selects internal or external current-sensing mode. Connect to GND to use
internal current-sensing block. If floating, use an external current-sense resistor. Do
NOT pull MODE down to GND through a resistor.
6
SENSE
Voltage Sense. Voltage sensed between SENSE and IN determines the external
current-sense signal.
7,8,19,20,21
SW
Power Switch Output. SW is the drain of the internal power MOSFET. Connect the
power inductor and output rectifier to SW.
9,10,17,18,22 PGND Power Ground.
11
IN
Input Supply. IN must be bypassed locally.
12
VDD
Internal Bias Supply. Decouple with a 2.2μF ceramic capacitor as close to VDD as
possible.
13
COMP
Compensation. Connect a capacitor and a resistor in series to analog ground for loop
stability.
14
FB
Feedback Input. FB reference voltage is 1.225V. Connect a resistor divider from VOUT to
FB..
15
SS
Soft-Start Control. Connect a soft-start capacitor to SS. The soft-start capacitor is
charged with a constant current. Leave SS disconnected if the soft-start is not used.
16
AGND Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com