Electronic Components Datasheet Search
  English  ▼

X  

MP3427GL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3427GL
Description  17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3427GL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3427GL Datasheet HTML 9Page - Monolithic Power Systems MP3427GL Datasheet HTML 10Page - Monolithic Power Systems MP3427GL Datasheet HTML 11Page - Monolithic Power Systems MP3427GL Datasheet HTML 12Page - Monolithic Power Systems MP3427GL Datasheet HTML 13Page - Monolithic Power Systems MP3427GL Datasheet HTML 14Page - Monolithic Power Systems MP3427GL Datasheet HTML 15Page - Monolithic Power Systems MP3427GL Datasheet HTML 16Page - Monolithic Power Systems MP3427GL Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP3427 – 17A, 600kHz, 8V WIDE INPUT RANGE SYNCHRONOUS BOOST CONVERTER IN A SMALL 3X4MM QFN PACKAGE
MP3427 Rev. 1.0
www.MonolithicPower.com
13
12/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
current. This causes the MP3427 to enter
hiccup mode (after 1.1ms). MP3427 re-starts
after 60ms in hiccup mode. If the sampled
current signal rises to 100mV (within the 1.1ms
blank time), MP3427 operates in hiccup mode
immediately.
MP3427 starts switching in internal current-
sense mode after it detects 0V on MODE. In
external current-sense mode, MP3427 detects
MODE voltage and starts switching (after
MODE is higher than Vin + 2V). In over current
or hiccup mode, MODE is pulled low. If the
average current limit is triggered before
switching, the MP3427 may not start switching
because MODE is regulated low in an overload
condition.
If the peak-inductor current is higher than 6A,
an
external
current-sensing
resistor
is
recommended. Do NOT change the sensing
configuration when MP3427 is in operation.
Light-Load Operation
To optimize efficiency at light load, MP3427
employs a pulse-skipping mechanism and
foldback frequency. When the load becomes
lighter, the COMP voltage decreases, causing
the MP3427 to enter foldback operation (the
higher the load, the lower the frequency).
However, if the load becomes exceedingly low,
the MP3427 enters PSM. PSM operation is
optimized so that only one SW pulse is
launched every burst cycle. Therefore the
output ripple is very low.
Enable and Programmable UVLO
EN enables and disables the device. When
applying voltage higher than the EN higher
threshold (1V, typically), MP3427 starts up
some of the internal circuits (micro-power
mode). If EN voltage exceeds the turn-on
threshold
(1.33V),
MP3427
enables
all
functions and starts boost operation. Boost
operation turns off if EN voltage falls below the
1.33V threshold. To shut down the device, the
<0.4V low-level voltage is required on EN. After
being shut down, MP3427 sinks a current from
input power (less than 1uA, typically).
The maximum recommended voltage on EN is
5.5V. If the EN control signal comes from a
voltage higher than 5.5V, a resistor should be
added between EN and the control source, An
internal Zener diode on EN clamps the EN
voltage to prevent runaway. Ensure the Zener
clamped current flowing into EN is less than
0.3mA.
Meanwhile, EN programs Vin’s UVLO (see
“Applications\UVLO Hysteresis” section).
Thermal Shutdown (TSD)
Tp prevent thermal damage, the device has an
internal
temperature
monitor.
If
the
die
temperature exceeds 150°C, the converter
turns off. Once the temperature drops below
125°C, the power supply resumes operation.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com