Electronic Components Datasheet Search
  English  ▼

X  

MP8126 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8126
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8126 Datasheet HTML 1Page - Monolithic Power Systems MP8126 Datasheet HTML 2Page - Monolithic Power Systems MP8126 Datasheet HTML 3Page - Monolithic Power Systems MP8126 Datasheet HTML 4Page - Monolithic Power Systems MP8126 Datasheet HTML 5Page - Monolithic Power Systems MP8126 Datasheet HTML 6Page - Monolithic Power Systems MP8126 Datasheet HTML 7Page - Monolithic Power Systems MP8126 Datasheet HTML 8Page - Monolithic Power Systems MP8126 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP8126 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8126 Rev. 1.03
www.MonolithicPower.com
2
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP8126DF*
TSSOP16EP
MP8126
MP8126DR**
QFN24 (4X4mm)
MP8126
* For Tape & Reel, add suffix –Z (e.g. MP8126DF–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP8126DF–LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MP8126DR–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP8126DR–LF–Z)
PACKAGE REFERENCE
SGND
BYPASS
VDD
COMP
EN
EP
LINEDROP
POK
13V/18V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PGND
SW
BST
VBOOST
VOUT
ILIMIT
TCAP
EXTM
TOP VIEW
TOP VIEW
1
2
3
4
5
6
18
17
16
15
14
13
NC
VDD
NC
COMP
EN
LINEDROP
NC
BST
VBOOST
VBOOST
VOUT
VOUT
7
8
9
10
11
12
24
23
22
21
20
19
EXPOSED PAD
CONNECT TO GND
TSSOP-16EP
QFN24
ABSOLUTE MAXIMUM RATINGS (1)
VDD ................................................-0.3V to 16V
VOUT, SW, VBOOST ....................-0.3V to 25V
BST.....................................................VBoost +7V
All Other Pins................................-0.3V to 6.5 V
Continuous Power Dissipation.….(TA=+25°C)
(2)
TSSOP-16EP…………………………………2.8W
QFN24(4x4mm)………………………………2.9W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature................. -65°C to 150°C
Recommended Operating Conditions (3)
Supply Voltage VIN.............................8V to 14V
Output Voltage VOUT ............ 13V/14V/18V/19V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
TSSOP-16EP..........................45 ....... 8 .... °C/W
QFN24(4x4mm) ......................42 ....... 9 ....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com