Electronic Components Datasheet Search
  English  ▼

X  

MP8126 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8126
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8126 Datasheet HTML 5Page - Monolithic Power Systems MP8126 Datasheet HTML 6Page - Monolithic Power Systems MP8126 Datasheet HTML 7Page - Monolithic Power Systems MP8126 Datasheet HTML 8Page - Monolithic Power Systems MP8126 Datasheet HTML 9Page - Monolithic Power Systems MP8126 Datasheet HTML 10Page - Monolithic Power Systems MP8126 Datasheet HTML 11Page - Monolithic Power Systems MP8126 Datasheet HTML 12Page - Monolithic Power Systems MP8126 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP8126 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8126 Rev. 1.03
www.MonolithicPower.com
10
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Selecting the Input Capacitor
The input capacitor (C1) is required to maintain
the DC input voltage. For best results, use
ceramic capacitors with low ESR/ESL. Estimate
the input voltage ripple using the formula below:
IN
IN
IN
2
sOUT
VV
V1
8f L C1
V
⎛⎞
Δ=
⋅ −
⎜⎟
⋅⋅
⎝⎠
A 10μF X7R ceramic capacitor is recommended
for most application.
Setting the Output Boost Converter Capacitor
The output current of the step-up converter is
discontinuous, and therefore requires a capacitor
to supply the AC current to the load. Use low-
ESR capacitors for the best performance. The
output voltage ripple can be estimated by the
below formula.
OUT
IN
OUT
sL
OUT
V
V
V1
fR C2
V
⎛⎞
Δ=
⋅ −
⎜⎟
⋅⋅
⎝⎠
Where RL is the value of load resistor.
Ceramic capacitors with X7R dielectrics are
highly recommended because of their low ESR
and small temperature coefficient. Typically, a
22μF X7R ceramic capacitor is recommended.
Selecting the Inductor of Boost Converter
Select an inductor with a DC current rating that is
at least 25% higher than the maximum load
current. For most designs, derive the inductance
value from the following equation.
IN
OUT
IN
sOUT
L
V(V
V )
L
fV
I
−
=
⋅⋅ Δ
Where ∆IL is the inductor ripple current. Choose
the inductor ripple current to be approximately
30% of the maximum load current.
Selecting the Boost Converter Rectifier Diode
The high switching frequency requires high-
speed rectifiers, such as Schottky diodes for their
fast recovery times and low forward voltage. For
most applications, use a 2A Schottky diode.
DESIGN EXAMPLE
Below is a design example that follows the
application
guidelines
for
the
following
specifications:
VIN
12V
VOUT
19V
Figure
4
shows
the
detailed
application
schematic. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
applications, please refer to the Evaluation Board
Data Sheet.
LAYOUT RECOMMENDATION
Layout is important, poor layout results in
reduced performance, EMI problems, resistive
loss, and even system instability. Following the
below rules and figure 3 for the layout design:
1. Place high current path(SW, D1, C2 and IC-
PGND) very close to the device with short,
direct and wide traces.
2. Place the decoupling capacitor C3 across
VDD and SGND as close as possible.
3. Place the decoupling capacitor C4 across
BYPASS and SGND as close as possible.
4. Place the LDO input/output capacitor C11/C8
across VBOOST/VOUT and PGND as close
as possible.
5. Place capacitor C7 across TCAP and SGND
pins as close as possible.
6. Keep the switching node (SW) plane as small
as possible and far away from the TCAP and
ILIMT trace.
7. Add copper and vias on GND net around the
device to help dissipate heat. The PGND and
SGND should be connected through a star
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com