Electronic Components Datasheet Search
  English  ▼

X  

MP8126 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8126
Description  550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8126 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8126 Datasheet HTML 1Page - Monolithic Power Systems MP8126 Datasheet HTML 2Page - Monolithic Power Systems MP8126 Datasheet HTML 3Page - Monolithic Power Systems MP8126 Datasheet HTML 4Page - Monolithic Power Systems MP8126 Datasheet HTML 5Page - Monolithic Power Systems MP8126 Datasheet HTML 6Page - Monolithic Power Systems MP8126 Datasheet HTML 7Page - Monolithic Power Systems MP8126 Datasheet HTML 8Page - Monolithic Power Systems MP8126 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP8126 – LNB POWER SUPPLY AND CONTROL VOLTAGE REGULATOR
MP8126 Rev. 1.03
www.MonolithicPower.com
4
5/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
TONE Signal
VEXTM_High VEXTM rising
2
V
EXTM Input Logic Threshold
VEXTM_Low VEXTM falling
0.8
V
EXTM Frequency Range
(7)
VEXTM_High=3.3V, VEXTM_Low=0V
20
22
24
kHz
Peak-to-Peak Amplitude
VPP
IOUT = 0 to 100mA
0.4
0.6
0.8
V
Duty Cycle
RL=1kΩ, CL=0.1μF
50
%
Rise and Fall Time
RL=1kΩ, CL=0.1μF
8
μs
Over-Current Protection
Output Current Limit
ILIMIT
RLIMIT=10kΩ
600
770
1100
mA
Dynamic Overload-
Protection Off Time
τOFF
Time between restart attempts
2
s
Dynamic Overload-
Protection On Time
τON
Time to onset of shutdown
50
ms
POK
POK Upper-Trip Threshold
(5)
VFB with respect to nominal
12
%
POK Lower-Trip Threshold
VFB with respect to nominal
-12
%
POK Output Lower Voltage
ISINK = 5mA
0.3
V
Thermal Protection
Over-Temperature
Shutdown
(5)
150
°C
Over-Temperature
Protection Hysteresis
20
°C
Notes:
5) Guaranteed by design.
6) Shall withstand the back voltage for an indefinite period of time. On removal of the fault condition the device returns to normal operation
7) This range is used to guarantee EXTM function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com