Electronic Components Datasheet Search
  English  ▼

X  

MP5408M Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5408M
Description  36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5408M Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5408M Datasheet HTML 12Page - Monolithic Power Systems MP5408M Datasheet HTML 13Page - Monolithic Power Systems MP5408M Datasheet HTML 14Page - Monolithic Power Systems MP5408M Datasheet HTML 15Page - Monolithic Power Systems MP5408M Datasheet HTML 16Page - Monolithic Power Systems MP5408M Datasheet HTML 17Page - Monolithic Power Systems MP5408M Datasheet HTML 18Page - Monolithic Power Systems MP5408M Datasheet HTML 19Page - Monolithic Power Systems MP5408M Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP5408M – 36V, 6A, STEP-DOWN CONVERTER W/ DUAL USB CHARGING PORTS
MP5408M Rev. 1.1
www.MonolithicPower.com
16
8/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 2: CC Logic Truth Table
EN
CC of USB1
(8)
CC of USB2
(8)
Buck
VCONN
(USB1)
USB1
VCONN
(USB2)
USB2
0
X
X
Disabled
Disabled
Disabled
Disabled
Disabled
1
AUDIO
Open or AUDIO
or DEBUG
Disabled
Disabled
Disabled
Disabled
Disabled
DEBUG
Disabled
Disabled
Disabled
Disabled
Disabled
“A”
(9)
Enabled
Disabled
Enabled
Disabled
Disabled
Rd, Ra
Enabled
Enabled
Enabled
Disabled
Disabled
Open
Disabled
Disabled
Disabled
Disabled
Disabled
1
AUDIO
Rd, Ra
Enabled
Disabled
Disabled
Enabled
Enabled
DEBUG
Enabled
Disabled
Disabled
Enabled
Enabled
“A”
Enabled
Disabled
Enabled
Enabled
Enabled
Rd, Ra
Enabled
Enabled
Enabled
Enabled
Enabled
Open
Enabled
Disabled
Disabled
Enabled
Enabled
1
AUDIO
“A”
Enabled
Disabled
Disabled
Disabled
Enabled
DEBUG
Enabled
Disabled
Disabled
Disabled
Enabled
“A”
Enabled
Disabled
Enabled
Disabled
Enabled
Rd, Ra
Enabled
Enabled
Enabled
Disabled
Enabled
Open
Enabled
Disabled
Disabled
Disabled
Enabled
NOTES:
8)
USB1 and USB2 are symmetric to each other.
9)
"A" means Type-A mode. CC1 (CC3 for USB2) is requested to be pulled down by a 80.6kΩ resistor to enter this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com