Electronic Components Datasheet Search
  English  ▼

X  

MP5408M Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5408M
Description  36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5408M Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5408M Datasheet HTML 7Page - Monolithic Power Systems MP5408M Datasheet HTML 8Page - Monolithic Power Systems MP5408M Datasheet HTML 9Page - Monolithic Power Systems MP5408M Datasheet HTML 10Page - Monolithic Power Systems MP5408M Datasheet HTML 11Page - Monolithic Power Systems MP5408M Datasheet HTML 12Page - Monolithic Power Systems MP5408M Datasheet HTML 13Page - Monolithic Power Systems MP5408M Datasheet HTML 14Page - Monolithic Power Systems MP5408M Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MP5408M – 36V, 6A, STEP-DOWN CONVERTER W/ DUAL USB CHARGING PORTS
MP5408M Rev. 1.1
www.MonolithicPower.com
11
8/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
BUCK CONVERTER SECTION
The
MP5408M
integrates
a
monolithic,
synchronous, rectified, step-down, switch-mode
converter with internal power MOSFETs and
two USB current-limit switches with charging-
port auto-detection. The MP5408M offers a
compact
solution
that
achieves
6A
of
continuous output current with excellent load
and line regulation over a wide input supply
range.
The MP5408M operates in a fixed-frequency,
peak-current-mode control to regulate the
output voltage. The internal clock initiates the
pulse-width modulation (PWM) cycle, which
turns on the integrated high-side power
MOSFET (HS-FET). The HS-FET remains on
until its current reaches the value set by the
COMP voltage (VCOMP). When the power switch
is off, it remains off until the next clock cycle
begins. If the duty cycle reaches 95% (450kHz
switching frequency) in one PWM period, the
current in the power MOSFET does not reach
the COMP-set current value, and the power
MOSFET turns off.
Error Amplifier (EA)
The error amplifier (EA) compares the internal
feedback voltage against the internal reference
(REF) and outputs VCOMP. VCOMP controls the
power MOSFET current. The optimized, internal
compensation network minimizes the external
component count and simplifies the control loop
design.
Internal VCC Regulator
The 4.5V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 4.5V, the output of the regulator is in
full regulation. If VIN is less than 4.5V, the output
decreases with VIN. VCC requires an external
1µF ceramic decoupling capacitor.
After the buck output starts up, the internal VCC
LDO output is biased by the buck output
through a Schottky diode.
Enable (EN) Control
The MP5408M has an enable (EN) control pin.
An internal 8μA pull-up current allows EN to be
floated for automatic start-up. Pull EN high or
float EN to enable the IC. Pull EN low to disable
the IC.
EN is clamped internally using a 7.6V series
Zener diode and a 10V break-down voltage of
the ESD cell (see Figure 2).
Connect EN through a pull-up resistor to VIN to
enhance the EN pull-up current ability. This
requires limiting the EN voltage below 10V or
limiting EN input current below 500μA if the EN
pull-up voltage is larger than 10V.
For example, if connecting EN to VIN = 36V,
then RPULLUP ≥ (36V - 10V) / 500μA = 52kΩ.
Figure 2: Zener Diode between EN and GND
Setting the Switching Frequency
Connect a resistor from FREQ to ground to set
the switching frequency (see Table 1). The
value of the frequency can be calculated
approximately with Equation (1):

Ω
FREQ
1000000
FREQ(kHz)
42.5 R
(K ) 53.7
(1)
The frequency vs. RFREQ is shown in Figure 3.
Figure 3: Switching Frequency vs. RFREQ
200
700
1200
1700
2200
0
20
40
60
80 100 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com