Electronic Components Datasheet Search
  English  ▼

X  

MP5408M Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP5408M
Description  36V, 6A, Frequency Programmable, Step-Down Converter with Smart, Dual, USB Charging Ports
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5408M Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP5408M Datasheet HTML 13Page - Monolithic Power Systems MP5408M Datasheet HTML 14Page - Monolithic Power Systems MP5408M Datasheet HTML 15Page - Monolithic Power Systems MP5408M Datasheet HTML 16Page - Monolithic Power Systems MP5408M Datasheet HTML 17Page - Monolithic Power Systems MP5408M Datasheet HTML 18Page - Monolithic Power Systems MP5408M Datasheet HTML 19Page - Monolithic Power Systems MP5408M Datasheet HTML 20Page - Monolithic Power Systems MP5408M Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
MP5408M – 36V, 6A, STEP-DOWN CONVERTER W/ DUAL USB CHARGING PORTS
MP5408M Rev. 1.1
www.MonolithicPower.com
20
8/14/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP5408M
L1
8µH
C3
1µF
C4
220nF
C2A
10µF
C6
10µF
C5
10µF
Type-C
+ C1
100µF
C1A
22µF
4,14
21
12
7
65,13
17
18
20
19
16
24
1
22
23
2
11
3,15,25
10
8,9,26
C1B
22µF
C1D
10µF
C2B
10µF
C2C
10µF
+
C2
270µF
ESR<50mΩ
L1
4.7µH
C1C
4.7µF
Type-C
C7
1nF
C8
1nF
R2
150Ω
R3
150Ω
Figure 13: Dual USB Type-C 5V/3A DFP Ports
(11)
Figure 14: Dual USB Type-A 5V/2.4A Ports
(11)
Figure 15: One Type-C 5V/3A DFP Port, One Type-A 5V/2.4A Port
(11)
NOTE:
11) See Figure 11 for I/O pins’ ESD protection enhancing details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com