Electronic Components Datasheet Search
  English  ▼

X  

MP5507EGRG Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5507EGRG Datasheet HTML 10Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 11Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 12Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 13Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 14Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 15Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 16Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 17Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP5507E
– 7V, 3A, ENERGY STORAGE AND MANAGEMENT UNIT
MP5507E Rev. 1.0
www.MonolithicPower.com
14
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor and TVS
Capacitors at VIN are recommended to absorb
possible voltage spikes during input power turn-
on, input switch hard-off (during power-off), or
other
special
conditions.
The
application
determines the capacitor. For example, if the
input power trace is too long (with a higher
parasitic inductance) during the input switch
hard-off period, more energy is pumped into the
input. This means that more input capacitors are
needed to ensure that the input voltage spike
remains in a safe range. Use a capacitor 0.1µF
or larger based on the spike condition.
Consider inrush current requirements when
selecting an input capacitor. Typically, more
input capacitors result in a higher input inrush
current during hot-plugging. A smaller input
capacitor is needed for a smaller inrush current.
The MP5507E works normally with a very small
input capacitor. However, this leads to a possible
high-voltage spike. An efficient solution is to add
a TVS diode at the input to absorb the possible
input-voltage spike. Simultaneously, keep the
inrush current small during hot-plugging. A TVS
diode such as the SMA6J5.0A is recommended.
Setting the Storage Voltage
Set the storage voltage by choosing the external
feedback resistors R3 and R4 (see Figure 6).
R3
FBS
R4
Cstorage
Figure 6: Storage Feedback Circuit
The storage voltage can be determined with
Equation (1):
FBS
STORAGE
V
R
R
V
)
4
3
1
(
(1)
Where VFBS is 0.79V, typically.
R3 and R4 are not critical for normal operation.
Select R3 and R4 to be
higher than 10kΩ to
account for the bleed current. For example, if R4
is 14k
Ω, then R3 can be calculated with
Equation (2):
FBS
FBS
STORAGE
V
V
V
k
R
)
(
14
3
(2)
For a 12V storage voltage, R3 is 200k
Ω.
Table 1 lists the recommended resistors for
different storage voltages.
Table 1: Resistor Pairs for VSTORAGE
VSTORAGE (V)
R3
(kΩ)
R4
(kΩ)
8
127
14
12
200
14
20
340
14
Selecting the Release Voltage and VBUS
Capacitors
Select the release voltage by choosing the
external feedback resistors R1 and R2 (see
Figure 7).
Figure 7: Release Feedback Circuit
The release voltage (VRELEASE) can be calculated
with Equation (3):
RELEASE
FBB
R1
V
(1
) V
R2
 
(3)
VFBB is 0.79V, typically. However, R1 and R2 not
only determine the release voltage, but also
affect loop stability. Choose R2 a with 2k to 10k
resistor (4.02k is typically recommended) for the
low-side divider resistor for stable performance
with CB = 22μF. Table 2 lists the recommended
resistor values for different release voltages.
Table 2: Resistor Pairs for VRELEASE
VRELEASE (V)
R1
(kΩ)
R2
(kΩ)
4.2
17.4
4.02
2.9
10.7
4.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com