Electronic Components Datasheet Search
  English  ▼

X  

MP5507EGRG Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5507EGRG Datasheet HTML 10Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 11Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 12Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 13Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 14Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 15Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 16Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 17Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP5507E
– 7V, 3A, ENERGY STORAGE AND MANAGEMENT UNIT
MP5507E Rev. 1.0
www.MonolithicPower.com
16
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. A 4-layer layout is recommended to
achieve better thermal performance and simplify
layout. For best results, refer to Figure 8 and
Figure 9 and follow the guidelines below.
1) Use short, wide, and direct traces in the high-
current paths (VIN, VB, VBO, SW, STRG, and
PGND).
2) Place the decoupling capacitor as close to VB
and PGND as possible.
3) Place the decoupling capacitor as close to
STRG and PGND as possible.
4) Keep the switching node SW short and away
from the feedback network.
5) Place the external feedback resistors as close
to FB as possible.
6) Keep the BST voltage path (BST, C4, and
SW) as short as possible.
MP5507E
FBS
STRG
FBB
VBO
PGB
VIN
C1
C2
R1
R2
R4
R3
C3A
SW
L1
BST
C4
DISC
ENCH
DVDT
CST
ILIM
R5
VB
TVS
optional
for spike
D1
VB to DCDC
PGND
AGND
C3B
Figure 8: Schematic for Layout
1
2
1
2
1
2
1
1
2
2
1
1
2
2
2
1
2
1
2
2
1
PGB
DISC
ENCH
BST
CST
FBB
FBS
STRG
SW
R3
R4
R1
R2
C4
C2
C1
D1
R5
PGND
VB
PGND
PGND
C3A
U1
ILIM
DVDT
AGND
C3B
AGND
AGND
R5
Top Layer
Inner 1 Layer
Inner 2 Layer
PGND
SW
VBO
VB
PGND
PGND
PGND
Bottom Layer
Figure 9: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com