Electronic Components Datasheet Search
  English  ▼

X  

MP5507EGRG Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5507EGRG Datasheet HTML 7Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 8Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 9Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 10Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 11Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 12Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 13Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 14Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP5507E
– 7V, 3A, ENERGY STORAGE AND MANAGEMENT UNIT
MP5507E Rev. 1.0
www.MonolithicPower.com
11
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP5507E is an energy storage and
management unit in a QFN-16 (2.5mmx3.2mm)
package.
The
MP5507E
provides
a
very
compact and efficient power backup solution for
typical
solid-state
drive
applications.
MPS
’
patented lossless energy storage and release
management
circuits
use
a
bidirectional
buck/boost converter to achieve optimal energy
transfer and provide a cost-effective energy
storage solution.
The
MP5507E
’s
built-in
boost
converter
charges the bulk storage capacitors to a
programmed
voltage when
the
system
is
powered up. If an input power outage occurs,
the MP5507E indicates a VB bus power failure,
disconnects the input switch, and transfers the
energy from the storage capacitor to VB
through the built-in buck converter, holding the
bus voltage to a regulated voltage when the
system consumes energy for data backup. The
buck converter can work in 100% duty cycle
operation
to
deplete
the
stored
energy
completely.
Depending
on
different
power
backup times and storage components from
different applications, the MP5507E can provide
a
compact
solution with
a
programmable
storage voltage setting.
Start-Up
When VIN starts up, the VB bus voltage is
charged from 0 to VIN. The VB rising slew rate
is controlled by the DVDT capacitance. This
function prevents input inrush current and
provides protection to the downstream system.
EHCH is used to enable and disable the
storage charge and release circuitry. The
storage charge circuitry operate in two modes:
pre-charge mode (the STRG voltage is charged
to the VB voltage from 0V using a current
source) and boost mode (the STRG voltage is
charged to set the voltage). The pre-charge
mode charges the STRG voltage up to the VB
voltage using a near-constant current source
(around 130mA). When the STRG voltage is
close to VB, and the VB voltage is higher than a
certain threshold (where PGB rises high), boost
mode is initiated.
If ENCH is already high before VIN rises to the
UVLO threshold, the storage charge circuitry
starts a linear charge automatically when VIN is
higher than the UVLO threshold (typically 2.5V),
switches to boost switching mode when the
storage voltage is charged close to VB, and
PGB rises high. If ENCH rises high after VB,
DVDT elapses and PGB has raised high, pre-
charge begins, followed by boost switching.
Boost mode charges the STRG voltage to the
target voltage. The charging build-up process
when ENCH is high before VB starts up is
shown in Figure 2.
It is strongly recommended to enable ENCH
after VB has settled (see Figure 3). Because
the release mode is triggered when the FBB
voltage is lower than 0.79V (although there is a
23mV hysteresis between boost mode and
release mode), the VB voltage may be pulled
back low and accidently enter release mode. To
prevent this, enable ENCH after VB settles if
the system I/O can be used to control ENCH.
The charging build-up process when ENCH is
enabled after VB settles is shown in Figure 3.
UVLO
VIN
VB DVDT
Charge Up
VB
VSTRG
FBB=0.813V
STRG Boost Mode
STRG Pre-charge Mode
Power-on Delay Time
ENCH
Figure 2: Charging Process
VIN
UVLO
VB
VSTRG
Power-on Delay Time
VB DVDT
Charge Up
ENCH
STRG Boost Mode
STRG Pre-charge Mode
Figure 3: Charging Process when ENCH is
Enabled after VB Settles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com