Electronic Components Datasheet Search
  English  ▼

X  

MP8759 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8759
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8759 Datasheet HTML 13Page - Monolithic Power Systems MP8759 Datasheet HTML 14Page - Monolithic Power Systems MP8759 Datasheet HTML 15Page - Monolithic Power Systems MP8759 Datasheet HTML 16Page - Monolithic Power Systems MP8759 Datasheet HTML 17Page - Monolithic Power Systems MP8759 Datasheet HTML 18Page - Monolithic Power Systems MP8759 Datasheet HTML 19Page - Monolithic Power Systems MP8759 Datasheet HTML 20Page - Monolithic Power Systems MP8759 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
17
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic or POS capacitors
are recommended. The output voltage ripple can
be estimated with Equation (14):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C

 

(14)
With ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated with
Equation (15):
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8F
L C
V

 
 
(15)
In the case of POS capacitors, the ESR
dominates the impedance at the switching
frequency.
The
output
ripple
can
be
approximated with Equation (16):
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
FL
V

 
(16)
The maximum output capacitor limitation should
be also considered during the design application.
If the output capacitor value is too high, the
output voltage cannot reach the design value
during the soft-start time and fails to regulate.
The maximum output capacitor value (Co_MAX)
can be limited approximately with Equation (17):
O_ MAX
LIM _ AVG
OUT
ss
OUT
C(I
I
) T / V

(17)
Where ILIM_AVG is the average start-up current
during soft-start period, and Tss is the soft-start
time. The inductance value can be calculated
with Equation (18):
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
 

(18)
Where ∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, including short
currents. Isat is recommended to be greater than
12A.
PCB Layout Guidelines
Efficient PBC layout is critical for stable operation.
A four-layer layout is strongly recommended to
achieve better thermal performance. For best
results, refer to Figure 10 and follow the
guidelines below.
1. Place the high current paths (GND, IN, and
SW) very close to the device with short, direct,
and wide traces.
2. Place the input capacitors as close to IN and
GND as possible.
3. Place the decoupling capacitor as close to
VCC and GND as possible.
4. Keep the switching node SW short and away
from the feedback network.
5. Keep the BST voltage path as short as
possible with traces greater than 50mil.
6. Keep the IN and GND pads connected with
large copper traces to achieve better thermal
performance.
7. Add
several
vias
with
10mil_drill/18mil_copper_width close to the
IN and GND pads to help with thermal
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com