Electronic Components Datasheet Search
  English  ▼

X  

MP8759 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8759
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8759 Datasheet HTML 1Page - Monolithic Power Systems MP8759 Datasheet HTML 2Page - Monolithic Power Systems MP8759 Datasheet HTML 3Page - Monolithic Power Systems MP8759 Datasheet HTML 4Page - Monolithic Power Systems MP8759 Datasheet HTML 5Page - Monolithic Power Systems MP8759 Datasheet HTML 6Page - Monolithic Power Systems MP8759 Datasheet HTML 7Page - Monolithic Power Systems MP8759 Datasheet HTML 8Page - Monolithic Power Systems MP8759 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
3
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN)...................................... 26V
VSW…………………………… -0.6V to VIN + 0.3V
VSW (25ns)…………………… -3.6V to VIN + 4.5V
VBST……………………………………. VSW + 4.5V
VOUT…………………………………. -0.3V to 6.5V
All other pins……………………... -0.3V to +4.5V
Continuous power dissipation (TA = +25°C)
(2)
QFN-12 (2mmx3mm)…….......................... 1.8W
Junction temperature…………………….. .150
C
Lead temperature…………………………..260
C
Storage temperature................ -65
C to +150C
Recommended Operating Conditions
(3)
Supply voltage (VIN)………………....4.5V to 24V
Output voltage (VOUT)……………… 0.6V to 5.5V
Operating junction temp. (TJ)… -40°C to +125°C
Thermal Resistance
(4)
ΘJA ΘJC
QFN-12 (2mmx3mm)..............70........15....
C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
produces an excessive die temperature, causing the regulator
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com