Electronic Components Datasheet Search
  English  ▼

X  

MP8759 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8759
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8759 Datasheet HTML 3Page - Monolithic Power Systems MP8759 Datasheet HTML 4Page - Monolithic Power Systems MP8759 Datasheet HTML 5Page - Monolithic Power Systems MP8759 Datasheet HTML 6Page - Monolithic Power Systems MP8759 Datasheet HTML 7Page - Monolithic Power Systems MP8759 Datasheet HTML 8Page - Monolithic Power Systems MP8759 Datasheet HTML 9Page - Monolithic Power Systems MP8759 Datasheet HTML 10Page - Monolithic Power Systems MP8759 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
7
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1V, L = 0.68µH/3.1mΩ, fS = 700kHz, TA = +25°C, PFM mode, unless otherwise
noted.
LOAD CURRENT(A)
INPUT VOLATGE (V)
Load Regulation
VOUT=1V, VIN=4.5V~26V,
IOUT=0.01A~8A
Case Temperature Rise
vs. Load Current
Quiescent Current vs.
Input Voltage
Line Regulation
Shutdown Current vs.
Input Voltage
LOAD CURRENT(A)
INPUT VOLATGE (V)
INPUT VOLATGE (V)
Load Regulation
VOUT=1.8V, VIN=4.5V~26V,
IOUT=0.01A~8A
LOAD CURRENT(A)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
02468
26V
12V
4.5V
Load Regulation
VOUT=1.2V, VIN=4.5V~26V,
IOUT=0.01A~8A
LOAD CURRENT(A)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
02468
26V
12V
4.5V
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
02
46
8
4.5V
12V
26V
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
024
68
105
110
115
120
125
130
0
5
10
15
20
25
30
0
2
4
6
8
10
12
0
5
10
15
20
25
30
8A
0A-PFM
0A-PWM
4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com