Electronic Components Datasheet Search
  English  ▼

X  

MP8765 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8765 Datasheet HTML 11Page - Monolithic Power Systems MP8765 Datasheet HTML 12Page - Monolithic Power Systems MP8765 Datasheet HTML 13Page - Monolithic Power Systems MP8765 Datasheet HTML 14Page - Monolithic Power Systems MP8765 Datasheet HTML 15Page - Monolithic Power Systems MP8765 Datasheet HTML 16Page - Monolithic Power Systems MP8765 Datasheet HTML 17Page - Monolithic Power Systems MP8765 Datasheet HTML 18Page - Monolithic Power Systems MP8765 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
15
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
reduces the average short circuit current to
alleviate thermal issues and protect the regulator.
The MP8765 exits the hiccup mode once the
over-current condition is removed.
Over Voltage Protection (OVP)
MP8765 monitors a resistor divided feedback
voltage to detect over voltage. When the
feedback voltage becomes higher than 115% of
the target voltage, the controller will enter
Dynamic Regulation Period. During this period,
the LS is on until the LS current goes to -2.5A,
this will then discharge the output and try to keep
it within the normal range. Part will exit this
regulation period when feedback voltage is
decreased to below 105% of the reference
voltage. If the dynamic regulation can not limit
the increasing of the Vout, once the feedback
voltage becomes higher than 130% of the
feedback voltage, the HS turns off and the LS
works at saturated mode as a current source to
discharge the output. This state will keep on until
the feedback voltage drops to below 115% of the
reference voltage.
UVLO Protection
The
MP8765
has
under-voltage
lock-out
protection (UVLO). When the VCC voltage is
higher than the UVLO rising threshold voltage,
the part will be powered up. It shuts off when the
VIN voltage is lower than the UVLO falling
threshold voltage. This is non-latch protection.
The part is disabled when the VCC voltage falls
below 4.6V. If an application requires a higher
under-voltage lockout (UVLO), use the EN pin as
shown in Figure 9 to adjust the input voltage
UVLO by using two external resistors. It is
recommended to use the enable resistors to set
the UVLO falling threshold (VSTOP) above 4.6V.
The rising threshold (VSTART) should be set to
provide enough hysteresis to allow for any input
supply variations.
EN Comparator
RUP
RDOWN
IN
EN
Figure 9—Adjustable UVLO
Thermal Shutdown
Thermal shutdown is employed in the MP8765.
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typical 150ºC), the converter
shuts off. This is a non-latch protection. There is
about 25ºC hysteresis. Once the junction
temperature drops to about 125ºC, it initiates a
SS.
Output Discharge
MP8765 discharges the output when EN is low,
or the controller is turned off by the protection
functions (UVP & OCP, OCP, OVP, UVLO, and
thermal shutdown). The part discharges outputs
using an internal 6Ω MOSFET which is
connected to VOUT and GND. The external low-
side MOSFET is not turned on for the output
discharge operation to avoid the possibility of
causing negative voltage at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com