Electronic Components Datasheet Search
  English  ▼

X  

MP8765 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8765 Datasheet HTML 13Page - Monolithic Power Systems MP8765 Datasheet HTML 14Page - Monolithic Power Systems MP8765 Datasheet HTML 15Page - Monolithic Power Systems MP8765 Datasheet HTML 16Page - Monolithic Power Systems MP8765 Datasheet HTML 17Page - Monolithic Power Systems MP8765 Datasheet HTML 18Page - Monolithic Power Systems MP8765 Datasheet HTML 19Page - Monolithic Power Systems MP8765 Datasheet HTML 20Page - Monolithic Power Systems MP8765 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
18
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
simplification,
the
output
ripple
can
be
approximated as:
OUT
OUT
OUT
ESR
SW
IN
VV
V(1
) R
FL
V
Δ=
× −
×
×
(24)
Maximum output capacitor limitation should be
also considered in design application. MP8765
has an around 7ms soft-start time period. If the
output capacitor value is too high, the output
voltage can’t reach the design value during the
soft-start time, and then it will fail to regulate. The
maximum output capacitor value Co_max can be
limited approximately by:
O _ MAX
LIM _ AVG
OUT
ss
OUT
C(I
I
) T / V
=−
×
(25)
Where, ILIM_AVG is the average start-up current
during soft-start period. Tss is the soft-start time.
Inductor
The inductor is necessary to supply constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, a
larger-value inductor will have a larger physical
footprint, higher series resistance, and/or lower
saturation current. A good rule for determining
the inductance value is to design the peak-to-
peak ripple current in the inductor to be in the
range of 30% to 40% of the maximum output
current, and that the peak inductor current is
below the maximum switch current limit. The
inductance value can be calculated by:
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
=× −
×Δ
(26)
Where ΔIL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, where the peak
inductor current can be calculated by:
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V
=+
× −
×
(27)
PCB Layout Guide
1. The high current paths (GND, IN, and SW)
should be placed very close to the device
with short, direct and wide traces.
2. Put the input capacitors as close to the IN
and GND pins as possible.
3. Put the decoupling capacitor as close to the
VCC and GND pins as possible. Place the
Cap close to AGND if the distance is long.
And place >3 Vias if via is required to reduce
the leakage inductance.
4. Keep the switching node SW short and away
from the feedback network.
5. The external feedback resistors should be
placed next to the FB pin. Make sure that
there is no via on the FB trace.
6. Keep the BST voltage path (BST, C3, and
SW) as short as possible.
7. Keep the IN and GND pads connected with
large copper to achieve better thermal
performance.
Add
several
Vias
with
10mil_drill/18mil_copper_width close to the
IN and GND pads to help on thermal
dissipation.
8. Four-layer layout is strongly recommended to
achieve better thermal performance.
Note:
Please refer to the PCB Layout Application Note for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com