Electronic Components Datasheet Search
  English  ▼

X  

MP8765 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8765 Datasheet HTML 5Page - Monolithic Power Systems MP8765 Datasheet HTML 6Page - Monolithic Power Systems MP8765 Datasheet HTML 7Page - Monolithic Power Systems MP8765 Datasheet HTML 8Page - Monolithic Power Systems MP8765 Datasheet HTML 9Page - Monolithic Power Systems MP8765 Datasheet HTML 10Page - Monolithic Power Systems MP8765 Datasheet HTML 11Page - Monolithic Power Systems MP8765 Datasheet HTML 12Page - Monolithic Power Systems MP8765 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
9
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
VIN
Supply Voltage. The IN pin supplies power for internal MOSFET and regulator. The
MP8765 operate from a +5V to +22V input rail. An input capacitor is needed to
decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
2
PGND
Power Ground. Use wide PCB traces and multiple vias to make the connection
4
PG
Power good output, the output of this pin is an open drain signal and is high if the
output voltage is higher than 95% of the nominal voltage. There is a delay from FB ≥
95% to PGOOD goes high.
3, 5
NC
6
MODE
PFM/PWM mode selection pin. Float MODE pin or pull it higher than 2V, MP8765
always works in force PWM mode; Connecting MODE pin to ground enables PFM
mode at light load condition.
7
VOUT
VOUT pin is used to sense the output voltage of the Buck regulator, connect this pin
to the output capacitor of the regulator directly.
8,9
Exposed
Pad 15, 16
SW
Switch Output. Connect this pin to the inductor and bootstrap capacitor. This pin is
driven up to the VIN voltage by the high-side switch during the on-time of the PWM
duty cycle. The inductor current drives the SW pin negative during the off-time. The
on-resistance of the low-side switch and the internal diode fixes the negative
voltage. Use wide and short PCB traces to make the connection. Try to minimize the
area of the SW pattern.
10
BST
Bootstrap. A capacitor connected between SW and BS pins is required to form a
floating supply across the high-side switch driver.
11
VCC
Internal 5V LDO output. The driver and control circuits are powered from this
voltage. Decouple with a minimum 1µF ceramic capacitor as close to the pin as
possible. X7R or X5R grade dielectric ceramic capacitors are recommended for their
stable temperature characteristics.
12
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. It is recommended to place the resistor divider as close to
FB pin as possible. Vias should be avoided on the FB traces.
13
EN
Enable pin. EN is a digital input that turns the regulator on or off. Drive EN high to
turn on the regulator, drive it low to turn it off. Connect EN with VIN through a pull-up
resistor or a resistive voltage divider for automatic startup. Do not float this pin.
14
AGND
Analog ground. The internal reference is referred to AGND. Connect the GND of the
FB divider resistor to AGND for better load regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com