Electronic Components Datasheet Search
  English  ▼

X  

MP46885DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP46885DN
Description  80V Input, 500mA High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP46885DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP46885DN Datasheet HTML 1Page - Monolithic Power Systems MP46885DN Datasheet HTML 2Page - Monolithic Power Systems MP46885DN Datasheet HTML 3Page - Monolithic Power Systems MP46885DN Datasheet HTML 4Page - Monolithic Power Systems MP46885DN Datasheet HTML 5Page - Monolithic Power Systems MP46885DN Datasheet HTML 6Page - Monolithic Power Systems MP46885DN Datasheet HTML 7Page - Monolithic Power Systems MP46885DN Datasheet HTML 8Page - Monolithic Power Systems MP46885DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP46885 – 80V INPUT, 500mA HIGH POWER LED DRIVER
MP46885 Rev. 1.0
www.MonolithicPower.com
3
7/7/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 60V, TA= +25C, unless otherwise noted.
Specifications over temperature are guaranteed by design and characterization.
Parameter
Symbol Condition
Min
Typ
Max
Units
VIN UVLO Threshold
3.6
4.0
4.4
V
VIN UVLO Hysteresis
0.4
V
Shutdown Supply Current
VEN = 0V
2
5
µA
Quiescent Supply Current
No load, VFB = 250mV
170
220
µA
Upper Switch On Resistance
(5)
RDS(ON)
VBST – VSW = 5V
360
mΩ
Upper Switch Leakage Current
ISWLK
VEN = 0V, VSW = 0V
0.01
1
µA
Current Limit
IPK
VFB = 0.15V
0.75
1.0
A
EN Up Threshold
VENH
1.4
1.55
1.7
V
EN Threshold Hysteresis
VENHY
320
mV
EN Input Current
IENI
VEN =5V
0.01
1
µA
EN Sinking Current
IENS
VEN =2V
2
3
µA
DIM Up Threshold
VDIMH
0.8
1.15
1.5
V
DIM Threshold Hysteresis
VDIMHY
300
mV
DIM Input Current
IDIM
VDIM =5V or 0V
-1
1
µA
DIM On Propagation Delay
TDIMDH
VFB=0V, VDIM Rising edge to
VSW Rising Edge
50
ns
DIM Off Propagation Delay
TDIMDL
VFB=0V, VDIM Falling edge to
VSW Falling Edge
50
ns
Feedback Voltage Threshold High
(5)
VFBH
4.5V < VIN < 75V, VFB rising
from 0V until VSW < 30V
210
215
220
mV
Feedback Voltage Threshold Low
(5)
VFBL
4.5V < VIN < 75V, VFB falling
from 0.25V until VSW > 30V
180
185
190
mV
FB Pin Input Current
IFB
VFB=5V or 0V
-300
300
nA
FB Propagation Delay to Output
High
TFBDH
Falling edge of VFB from 0.25V
to 0V to VSW rising edge
100
ns
FB Propagation Delay to Output
High
TFBDL
Rising edge of VFB from 0V to
0.25V to VSW falling edge
100
ns
Thermal Shutdown
Hysteresis = 20
C
150
C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com