Electronic Components Datasheet Search
  English  ▼

X  

MP46885DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP46885DN
Description  80V Input, 500mA High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP46885DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP46885DN Datasheet HTML 2Page - Monolithic Power Systems MP46885DN Datasheet HTML 3Page - Monolithic Power Systems MP46885DN Datasheet HTML 4Page - Monolithic Power Systems MP46885DN Datasheet HTML 5Page - Monolithic Power Systems MP46885DN Datasheet HTML 6Page - Monolithic Power Systems MP46885DN Datasheet HTML 7Page - Monolithic Power Systems MP46885DN Datasheet HTML 8Page - Monolithic Power Systems MP46885DN Datasheet HTML 9Page - Monolithic Power Systems MP46885DN Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP46885 – 80V INPUT, 500mA HIGH POWER LED DRIVER
MP46885 Rev. 1.0
www.MonolithicPower.com
7
7/7/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
Hysteresis Current Control with Adaptive
Threshold Adjustment
MP46885 operates in a hysteresis current
control mode to regulate the LED current
accurately. FB pin is the sensed voltage of LED
current across the sensing resistor. The power
MOSFET is turned on and remains on until FB
pin rises to 215mV. The power MOSFET is
turned off and remains off until FB pin falls to
185mV. The two thresholds of 215mV and
185mV are adaptive adjusted to compensate all
the circuit delays so that the LED current is
regulated very accurately with 200mV average
value at FB pin.
Enable Control
The MP46885 has a dedicated enable control
pin (EN) with the positive logic. Its falling
threshold is a precision 1.2V, and its rising
threshold is 1.5V (300mV higher).
When floating, EN is pulled up to about 3.0V by
an internal 1µA current source so it is enabled.
To pull it down, over 1µA current capability is
needed.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection. This
UVLO’s rising threshold is 2.2V with a threshold
of 150mV.
The bootstrap capacitor is charged and
regulated to about 5V by the dedicated internal
bootstrap regulator.
In case the internal circuit does not have
sufficient voltage and the bootstrap capacitor is
not well charged, extra external circuitry can be
used to ensure the bootstrap voltage is in the
normal operational region. Refer to External
Bootstrap Diode
in Application section.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented
to protect the chip from operating at insufficient
supply voltage. The UVLO rising threshold is
about 4.0V while its falling threshold is a
consistent 3.65V.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from operating at exceedingly high
temperatures. When the silicon die temperature
is higher than its upper threshold, it shuts down
the whole chip. When the temperature is lower
than its lower threshold, the chip is enabled
again.
LED Short Protection
The LED current is well regulated with FB pin
voltage at 200mV. As long as the LED sensing
resistor is not failed, the output current is within
limitation. If the LED sensing resistor is failed or
the output is shorted to GND directly, the FB pin
voltage is low even the power MOSFET is
turned on. The power MOSFET will be shut off
if such failure time is longer than 10us.
MP46885 will retry the operation after about
300us delay.
The power MOSFET current is also accurately
sensed via a current sense MOSFET. If the
current is over current limit, the IC is shut down.
This offers extra protection under output short
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com