Electronic Components Datasheet Search
  English  ▼

X  

MP46885DN Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP46885DN
Description  80V Input, 500mA High Power LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP46885DN Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP46885DN Datasheet HTML 2Page - Monolithic Power Systems MP46885DN Datasheet HTML 3Page - Monolithic Power Systems MP46885DN Datasheet HTML 4Page - Monolithic Power Systems MP46885DN Datasheet HTML 5Page - Monolithic Power Systems MP46885DN Datasheet HTML 6Page - Monolithic Power Systems MP46885DN Datasheet HTML 7Page - Monolithic Power Systems MP46885DN Datasheet HTML 8Page - Monolithic Power Systems MP46885DN Datasheet HTML 9Page - Monolithic Power Systems MP46885DN Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP46885 – 80V INPUT, 500mA HIGH POWER LED DRIVER
MP46885 Rev. 1.0
www.MonolithicPower.com
8
7/7/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the LED Current
The LED current I
LED is set using a sensing
resistor R
FB, which is in series with the LEDs
and connected to GND. The voltage on the
sensing resistor R
FB is connected to FB pin.
FB
LED
FB
V
I
R
For example, for a 700mA LED current, R
FB is
287mΩ.
Inductor Selection and Frequency Setting
The inductor LO is required to supply a constant
current to the LED. The inductor value is related
to the switching frequency fs setting:
IN
OUT
OUT
s
IN
O
LED
(V
V
) V
f
VL I
15%


Where, VIN is the input voltage, VOUT is the
output voltage to drive the LEDs. A larger value
inductor
will
result
in
smaller
switching
frequency.
The peak inductor current is about:
LP
LED
II
1.15

Choose an inductor that will not saturate under
the maximum inductor peak current.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
The RMS current through the diode is about:
OUT
DLED
IN
V
II
1
V

Choose a diode whose maximum reverse
voltage rating is greater than the maximum
input voltage, and whose current rating is
greater than the maximum diode current.
Input Capacitor CIN
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance especially under high switching
frequency applications.
The RMS current through the input capacitor is
about:
OUT
DLED
IN
V
II
V

’
With low ESR capacitors, the input voltage
ripple can be estimated by:
OUT
OUT
LED
IN
sIN
IN
IN
VV
I
V1
fC
V
V


 


Choose the input capacitor with enough RMS
current rating and enough capacitance for small
input voltage ripple.
When electrolytic or tantalum capacitors are
applied, a small, high quality ceramic capacitor,
i.e. 0.1μF, should be placed as close to the IC
as possible.
Output Capacitor COUT
The output capacitor (COUT) is not necessary for
MP46885. The LED current ripple (peak-to-
peak value) is about 15% of the LED DC
current. Output capacitor can be used to further
reduce the LED current ripple. Low ESR
capacitors are preferred to keep the output
voltage ripple low so that the AC ripple current
through the LEDs is small. The output voltage
ripple can be estimated by:
OUT
OUT
OUT
ESR
SO
IN
S
OUT
VV
1
V1
R
fL
V
8 f
C



 


 
 
where RESR is the equivalent series resistance
(ESR) value of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com