Electronic Components Datasheet Search
  English  ▼

X  

HMC441 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC441
Description  GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC441 Datasheet(HTML) 5 Page - Analog Devices

  HMC441 Datasheet HTML 1Page - Analog Devices HMC441 Datasheet HTML 2Page - Analog Devices HMC441 Datasheet HTML 3Page - Analog Devices HMC441 Datasheet HTML 4Page - Analog Devices HMC441 Datasheet HTML 5Page - Analog Devices HMC441 Datasheet HTML 6Page - Analog Devices HMC441 Datasheet HTML 7Page - Analog Devices HMC441 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
5
HMC441
v09.0917
GaAs pHEMT MMIC MEDIUM
POWER AMPLIFIER, 6 - 18 GHz
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND IS .004” SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Analog
Devices, Inc.
Pad Descriptions
Pad Number
Function
Description
Pin Schematic
1
RFIN
This pad is AC coupled
and matched to 50 Ohms.
2, 3
Vdd1, Vdd2
Power Supply Voltage for the ampliier. An external
bypass capacitor of 100 pF is required.
4
RFOUT
This pad is AC coupled
and matched to 50 Ohms.
5, 6
Vgg1, Vgg2
Optional gate control for ampliier. If left open, the
ampliier will run at standard current. Negative voltage
applied will reduce current.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com