Electronic Components Datasheet Search
  English  ▼

X  

HMC441 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC441
Description  GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC441 Datasheet(HTML) 1 Page - Analog Devices

  HMC441 Datasheet HTML 1Page - Analog Devices HMC441 Datasheet HTML 2Page - Analog Devices HMC441 Datasheet HTML 3Page - Analog Devices HMC441 Datasheet HTML 4Page - Analog Devices HMC441 Datasheet HTML 5Page - Analog Devices HMC441 Datasheet HTML 6Page - Analog Devices HMC441 Datasheet HTML 7Page - Analog Devices HMC441 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
HMC441
v09.0917
GaAs pHEMT MMIC MEDIUM
POWER AMPLIFIER, 6 - 18 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Speciications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
Functional Diagram
Features
Typical Applications
General Description
The HMC441 is an efficient GaAs PHEMT MMIC
Medium Power Ampliier which operates between 6
and 18 GHz. The ampliier provides 15.5 dB of gain,
+22 dBm of saturated power, and 23% PAE from a
+5V supply voltage. An optional gate bias is provided
to allow adjustment of gain, RF output power, and DC
power dissipation. The HMC441 ampliier can easily
be integrated into Multi-Chip-Modules (MCMs) due
to its small size. The backside of the die is both RF
and DC ground, simplifying the assembly process
and reducing performance variation. All data is tested
with the chip in a 50 Ohm test ixture connected via
0.025mm (1 mil) diameter wire bonds of minimal
length 0.31mm (12 mils).
Gain: 15.5 dB
Saturated Power: +22 dBm @ 23% PAE
Single Supply Voltage:
+5V w/ Optional Gate Bias
50 Ohm Matched Input/Output
Die Size: 0.94 x 0.94 x 0.1 mm
Electrical Speciications, T
A = +25° C, Vdd1 = Vdd2 = 5V, Vgg1 = Vgg2 = Open
The HMC441 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radios
• VSAT
• LO Driver for HMC Mixers
• Military EW & ECM
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
7.0 - 8.0
8.0 - 12.5
12.5 - 14.0
14.0 - 15.5
GHz
Gain
13
15.5
14
16.5
13
15.5
12
14.5
dB
Gain Variation Over Temperature
0.015
0.02
0.015
0.02
0.015
0.02
0.015
0.02
dB/ °C
Input Return Loss
10
13
15
14
dB
Output Return Loss
14
17
23
18
dB
Output Power for 1 dB Compression
(P1dB)
15.5
18.5
16
19
17
20
17
20
dBm
Saturated Output Power (Psat)
17
20
18
21
19
22
19
22
dBm
Output Third Order Intercept (IP3)
29
31
32
32
dBm
Noise Figure
5.0
4.5
4.5
4.5
dB
Supply Current (Idd)
90
115
90
115
90
90
115
mA
Vgg1, Vgg2: Optional Gate Bias


Similar Part No. - HMC441

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Micross Components
HMC441 MICROSS-HMC441 Datasheet
986Kb / 11P
LO Driver for HMC Mixers
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results

Similar Description - HMC441

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com