Electronic Components Datasheet Search
  English  ▼

X  

BPX-48 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # BPX-48
Description  Silicon Differential Photodiode Version 1.1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX-48 Datasheet(HTML) 6 Page - OSRAM GmbH

  BPX-48 Datasheet HTML 1Page - OSRAM GmbH BPX-48 Datasheet HTML 2Page - OSRAM GmbH BPX-48 Datasheet HTML 3Page - OSRAM GmbH BPX-48 Datasheet HTML 4Page - OSRAM GmbH BPX-48 Datasheet HTML 5Page - OSRAM GmbH BPX-48 Datasheet HTML 6Page - OSRAM GmbH BPX-48 Datasheet HTML 7Page - OSRAM GmbH BPX-48 Datasheet HTML 8Page - OSRAM GmbH BPX-48 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2014-01-10
6
Version 1.1
BPX 48
Package Outline
Maßzeichnung
Dimensions in mm (inch). / Maße in mm (inch).
Package
DIL, Epoxy
Gehäuse
DIL, Harz
4.05 (0.159)
3.75 (0.148)
0.5 (0.020)
0.3 (0.012)
0.8 (0.031)
0.6 (0.024)
2.54 (0.100)
7.8 (0.307)
7.4 (0.291)
6.6 (0.260)
6.3 (0.248)
0.3 (0.012)
0.25 (0.010)
7.62 (0.300) spacing
1.10 (0.043)
0.09 (0.004)
0.4 (0.016)
2.54 (0.100)
cathode
anode
Radiant sensitive area
Approx. weight 0.1 g
GEOY6638
Diode system
2.0 (0.079) x 0.67 (0.026)
0.5 (0.020)
0.7 (0.028)
0...5˚



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com