Electronic Components Datasheet Search
  English  ▼

X  

BPX-48 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPX-48
Description  Silicon Differential Photodiode Version 1.1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX-48 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPX-48 Datasheet HTML 1Page - OSRAM GmbH BPX-48 Datasheet HTML 2Page - OSRAM GmbH BPX-48 Datasheet HTML 3Page - OSRAM GmbH BPX-48 Datasheet HTML 4Page - OSRAM GmbH BPX-48 Datasheet HTML 5Page - OSRAM GmbH BPX-48 Datasheet HTML 6Page - OSRAM GmbH BPX-48 Datasheet HTML 7Page - OSRAM GmbH BPX-48 Datasheet HTML 8Page - OSRAM GmbH BPX-48 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2014-01-10
1
2014-01-10
Silicon Differential Photodiode
Silizium-Differential-Fotodiode
Version 1.1
BPX 48
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• Especially suitable for applications from 400 nm to
1100 nm
• Speziell geeignet für Anwendungen im Bereich von
400 nm bis 1100 nm
• High photosensitivity
• Hohe Fotoempfindlichkeit
• DIL plastic package with high packing density
• DIL-Plastikbauform mit hoher Packungsdichte
• Double diode with extremely high
homogeneousness
• Doppeldiode mit extrem hoher Gleichmäßigkeit
Applications
Anwendungen
• Industrial electronics
• Industrieelektronik
• For control and drive circuits
• Messen / Steuern / Regeln
• Edge control
• Kantenerkennung
• Follow-up control
• Nachlaufsteuerung
• Path and angle scanning
• Weg- bzw. Winkelabtastungen
Type:
Photocurrent
Ordering Code
Typ:
Fotostrom
Bestellnummer
Ev = 1000 lx, Std. Light A, VR = 5 V, T = 2856 K
IP [μA]
BPX 48
24 ( 15)
Q62702P0017S001


Similar Part No. - BPX-48

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
BPX-48 AMSOSRAM-BPX-48 Datasheet
648Kb / 12P
Silicon Differential Photodiode
Version 1.3 2018-05-30
More results

Similar Description - BPX-48

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPX48 SIEMENS-BPX48 Datasheet
245Kb / 5P
Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH221S SIEMENS-SFH221S Datasheet
221Kb / 4P
Silizium-Differential-Fotodiode Silicon Differential Photodiode
SFH248 SIEMENS-SFH248 Datasheet
105Kb / 2P
WITH DAYLIGHT FILTER SILICON DIFFERENTIAL PHOTODIODE
logo
List of Unclassifed Man...
BPX48F ETC1-BPX48F Datasheet
186Kb / 6P
Silizium-Differential-Fotodiode Silicon Differential Photodiode
logo
OSRAM GmbH
BPX38-2-3 OSRAM-BPX38-2-3 Datasheet
306Kb / 11P
Silicon NPN Phototransistor NPN-Silizium-Fototransistor Version 1.1
SFH203FA OSRAM-SFH203FA Datasheet
406Kb / 9P
Silicon PIN Photodiode Version 1.3
BP-104-S OSRAM-BP-104-S Datasheet
436Kb / 14P
Silicon PIN Photodiode Version 1.5
BP-104-SR OSRAM-BP-104-SR Datasheet
434Kb / 13P
Silicon PIN Photodiode Version 1.4
BPX-61 OSRAM-BPX-61 Datasheet
431Kb / 8P
Silicon PIN Photodiode Version 1.3
BPX-65 OSRAM-BPX-65 Datasheet
291Kb / 8P
Silicon PIN Photodiode Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com