Electronic Components Datasheet Search
  English  ▼

X  

BPX-48 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # BPX-48
Description  Silicon Differential Photodiode Version 1.1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX-48 Datasheet(HTML) 3 Page - OSRAM GmbH

  BPX-48 Datasheet HTML 1Page - OSRAM GmbH BPX-48 Datasheet HTML 2Page - OSRAM GmbH BPX-48 Datasheet HTML 3Page - OSRAM GmbH BPX-48 Datasheet HTML 4Page - OSRAM GmbH BPX-48 Datasheet HTML 5Page - OSRAM GmbH BPX-48 Datasheet HTML 6Page - OSRAM GmbH BPX-48 Datasheet HTML 7Page - OSRAM GmbH BPX-48 Datasheet HTML 8Page - OSRAM GmbH BPX-48 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.1
BPX 48
2014-01-10
3
Quantum yield of the chip
Quantenausbeute des Chips
( = 850nm)
0.80
Electro
ns
/Photon
Open-circuit voltage
Leerlaufspannung
(Ev = 1000 lx, Std. Light A)
VO
330 ( 280)
mV
Short-circuit current
Kurzschlussstrom
(Ev = 1000 lx, Std. Light A)
ISC
24
μA
Rise and fall time
Anstiegs- und Abfallzeit
(VR = 5 V, RL = 1 k , = 850 nm)
tr, tf
0.5
μs
Forward voltage
Durchlassspannung
VF
1.3
V
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz, E = 0)
C0
25
pF
Temperature coefficient of VO
Temperaturkoeffizient von VO
TCV
-2.6
mV / K
Temperature coefficient of ISC
Temperaturkoeffizient von ISC
(Std. Light A)
TCI
0.18
% / K
Noise equivalent power
Rauschäquivalente Strahlungsleistung
(VR = 10 V, = 850 nm)
NEP
0.103
pW /
Hz½
Detection limit
Nachweisgrenze
(VR = 10 V, = 950 nm)
D*
1.2e12
cm x
Hz½ / W
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com