Electronic Components Datasheet Search
  English  ▼

X  

HF01B00 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # HF01B00
Description  Off Line High Voltage Quasi Resonant Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF01B00 Datasheet(HTML) 3 Page - Monolithic Power Systems

  HF01B00 Datasheet HTML 1Page - Monolithic Power Systems HF01B00 Datasheet HTML 2Page - Monolithic Power Systems HF01B00 Datasheet HTML 3Page - Monolithic Power Systems HF01B00 Datasheet HTML 4Page - Monolithic Power Systems HF01B00 Datasheet HTML 5Page - Monolithic Power Systems HF01B00 Datasheet HTML 6Page - Monolithic Power Systems HF01B00 Datasheet HTML 7Page - Monolithic Power Systems HF01B00 Datasheet HTML 8Page - Monolithic Power Systems HF01B00 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HF01B00/01/02/03/04
–OFF LINE HIGH VOLTAGE QUASI RESONANT REGULATOR
HF01B00/01/02/03/04 Rev. 1.2
www.MonolithicPower.com
3
4/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
HF01B00DP*
PDIP8-7B
HF01B00
-40
C to +85C
HF01B01DP
HF01B01
HF01B02DP
HF01B02
HF01B03DP
HF01B03
HF01B04DP
HF01B04
HF01B04DS**
SOIC8-7B
HF01B04
-40
C to +85C
*For RoHS, compliant packaging, add suffix
–LF (e.g. HF01B00DP–LF).
** For Tape & Reel, add suffix
–Z (e.g. HF01B04DS–Z);
For RoHS, compliant packaging, add suffix
–LF (e.g. HF01B04DS–LF–Z).
PACKAGE REFERENCE
PDIP8-7B & SOIC8-7B
ABSOLUTE MAXIMUM RATINGS
(1)
Drain to Source........................... -0.7V to 700V
Continuous Drain Switch Current
(2)
--HF01B00DP, TA=25C............................1.94A
--HF01B01DP, TA=25C............................1.47A
--HF01B02DP, TA=25C ...........................1.14A
--HF01B03DP, TA=25C ...........................0.96A
--HF01B04DP, TA=25C ...........................0.81A
--HF01B04DS, TA=25C ...........................0.88A
VCC to GND.................................... -0.3V to 22V
VSD, FB, S to GND ......................... -0.3V to 7V
Junction Temperature .............................. 150
C
Thermal Shut Down ................................. 150
C
Thermal Shut Down Hysteresis.................. 40
C
Lead Temperature ................................... 260
C
Storage Temperature .............. -60°C to +150
C
ESD Capability Human Body Model (All Pins
except D) .................................................2.0kV
ESD Capability Machine Model..................200V
Recommended Operation Conditions
(3)
VCC to GND........................................ 8V to 20V
Maximum Junction Temp. (TJ) ............... +125C
Thermal Resistance
(4)
θJA
θJC
PDIP8-7B ..............................105 ..... 45 ...
C/W
SOIC8-7B ...............................96 ...... 45 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Continuous Drain switch current when inductor load is
assumed: limited by maximum duty and maximum junction
temperature. And the data get from the following conditions:
D=50%
Fs=100kHz
Ipeak
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com