Electronic Components Datasheet Search
  English  ▼

X  

HF01B00 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # HF01B00
Description  Off Line High Voltage Quasi Resonant Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF01B00 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button HF01B00 Datasheet HTML 6Page - Monolithic Power Systems HF01B00 Datasheet HTML 7Page - Monolithic Power Systems HF01B00 Datasheet HTML 8Page - Monolithic Power Systems HF01B00 Datasheet HTML 9Page - Monolithic Power Systems HF01B00 Datasheet HTML 10Page - Monolithic Power Systems HF01B00 Datasheet HTML 11Page - Monolithic Power Systems HF01B00 Datasheet HTML 12Page - Monolithic Power Systems HF01B00 Datasheet HTML 13Page - Monolithic Power Systems HF01B00 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HF01B00/01/02/03/04
–OFF LINE HIGH VOLTAGE QUASI RESONANT REGULATOR
HF01B00/01/02/03/04 Rev. 1.2
www.MonolithicPower.com
10
4/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 5 shows the waveform of valley switching
detection on auxiliary winding and the MOSFET
Drain-Source voltage.
Valley point
45mV
VAUX
VDS
Figure 5
—Valley Switching Detection
An internal minimum off-time limiter prevents the
MOSFET from turning on until the 7.8us off-time
limit is passed.. Thus the minimum off time of
primary switch will be longer than 7.8us and the
switching
frequency
would
be
lower
than
1/(Ton+7.8us). This ensures that the switching
frequency is below 150kHz, which is below the
CISPER22 EMI minimum limit. Figure 6 and 7
shows the minimum turn-off time limit of the
primary switch.
6.8us
Figure 6
—Minimum Turn-off Time Limit
8.8us
Figure 7
—Minimum Turn-off Time Limit
Over-voltage Protection (OVP)
The positive plateau of the auxiliary winding
voltage is proportional to the output voltage. The
Over Voltage Protection unit detects the auxiliary
winding voltage signal by VSD pin instead of
directly monitoring the output voltage.
Figure 8 shows the external circuit of VSD pin. If
the voltage of this pin exceeds 6V, the OVP is
triggered, and the HF01B00/01/02/03/04 stops
switching and goes into latched fault condition.
That means the regulator stays fully latched in
this position until the Vcc is decreased down to
3V, e.g. when the user unplugs the power supply
from the main supply and re-plugs it.
VSD
ROVP
RINT
HF01B00-04
Auxiliary
Winding
6V
OVP
Figure 8
—OVP Circuit
The internal resistance of VSD pin is 24kΩ, so
the OVP triggered point could be programmed
through different ROVP selection by the following
formula:
S
INT
OVP
S
OVP
OVP
A
INT
A
N
6 R
R
N
6 24k R
V
N
R
N
24k





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com