Electronic Components Datasheet Search
  English  ▼

X  

HF01B00 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # HF01B00
Description  Off Line High Voltage Quasi Resonant Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF01B00 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button HF01B00 Datasheet HTML 5Page - Monolithic Power Systems HF01B00 Datasheet HTML 6Page - Monolithic Power Systems HF01B00 Datasheet HTML 7Page - Monolithic Power Systems HF01B00 Datasheet HTML 8Page - Monolithic Power Systems HF01B00 Datasheet HTML 9Page - Monolithic Power Systems HF01B00 Datasheet HTML 10Page - Monolithic Power Systems HF01B00 Datasheet HTML 11Page - Monolithic Power Systems HF01B00 Datasheet HTML 12Page - Monolithic Power Systems HF01B00 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HF01B00/01/02/03/04
–OFF LINE HIGH VOLTAGE QUASI RESONANT REGULATOR
HF01B00/01/02/03/04 Rev. 1.2
www.MonolithicPower.com
9
4/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The HF01B00/01/02/03/04 incorporates all the
necessary features to build a reliable Switch
Mode Power Supply. Its high level of integration
requires very few external components. Quasi-
Resonant operation over entire input/load range
results
in
high
efficiency
and
better
EMI
performance. It also has burst mode operation to
minimize the stand-by power consumption at light
load. Protection features such as latched shutdown
or auto-recovery for over-current, over-voltage or
over-temperature contribute to a safer converter
design without engendering additional circuitry
complexity.
Start-up and VCC UVLO
Initially, the IC is driven by the internal high
voltage current source, which is drawn from the
D pin.
The IC starts switching and the internal high-
voltage current source turns off as soon as the
voltage on pin Vcc reaches 11.8V. At this point,
the supply of the IC is taken over by the auxiliary
winding of the transformer, when Vcc falls below
8V, the regulator stops switching and the internal
high-voltage current source turns on again.
11.8V
8V
Vcc
Drain
Switching Pluses
Regulation Occurs Here
Auxiliary Winding Takes Charge
High voltage
current source
On
Off
Figure 3
—V
CC UVLO
The lower threshold of VCC UVLO decreases from
8V to 5.5V when fault conditions happen, such as
OLP, OVP, and OTP.
Soft-Start
To reduce stress on the primary MOSFET and
the secondary diode during start-up and to
smoothly
establish
the
output
voltage,
the
HF01B00/01/02/03/04 has an internal soft-start
circuit that gradually increases the primary
current sense threshold, which determines the
MOSFET peak current during start-up. The pulse
width
of
the
power
switching
device
is
progressively
increased
to
establish
correct
operating conditions until the feedback control
loop takes charge.
Soft Start
Primary Current
Figure 4
—Soft Start
Valley Switching Detection
The
HF01B00/01/02/03/04
operates
in
Discontinuous Conduction Mode (DCM). The
valley
switching
detector
ensures
minimum
Drain-Source
voltage
switching,
per
Quasi-
resonant operation.
Valley
switching
detection
is
accomplished
through monitoring the voltage of the auxiliary
winding at the VSD pin. The voltage presents a
flyback polarity and the valley switching detection
threshold is 45mV. When the voltage on auxiliary
winding falls below 45mV, the drain-source
voltage of the MOSFET become the lowest,
which is
called ‘valley point’, at this point the
valley switching detector activates the controller
to switch on the MOSFET to ensure the minimum
Drain-Source
voltage
switching,
which
contributes
to
better
efficiency
and
EMI
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com