Electronic Components Datasheet Search
  English  ▼

X  

HT6116 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6116
Description  CMOS 2Kx8-Bit SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6116 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6116 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Timing Diagrams
Read cycle
(1)
Functional Description
The HT6116-70 is a 2K
×8 bit SRAM. When the
CS pin of the chip is set to “low”, data can be
written in or read from eight data pins; other-
wise, the chip is in the standby mode. During a
write cycle, the data pins are defined as the
input state by setting the WE pin to low. Data
should be ready before the rising edge of the WE
pin according to the timing of the writing cycle.
While in the read cycle, the WE pin is set to high
and the OE pin is set to low to define the data
pins as the output state. All data pins are de-
fined as a three-state type, controlled by the OE
pin. In both cycles (namely, write and read cy-
cles), the locations are defined by the address
pins A0~A10. The following table illustrates the
relations of WE, OE, CS and their correspond-
ing mode.
CS
OE
WE
Mode
D0~D7
H
X
X
Standby
High–Z
LL
H
Read
Dout
L
H
H
Read
High–Z
L
X
L
Write
Din
where
X stands for “don’t care”.
H stands for high level
L stands for low level.
HT6116-70
5
3rd July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com