Electronic Components Datasheet Search
  English  ▼

X  

HT6116 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6116
Description  CMOS 2Kx8-Bit SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6116 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6116 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT6116-70
CMOS 2K
×8-Bit SRAM
Pin Assignment
Block Diagram
General Description
The HT6116-70 is a 16384-bit static random
access memory. It is organized with 2048 words
of 8 bits in length, and operates with a single 5V
power supply. The IC is built with a high per-
formance CMOS 0.8
µm process in order to ob-
tain a low standby current and high reliability.
The IC contains six-transistor full CMOS mem-
ory cells and TTL compatible inputs and out-
puts, which are easily interface with common
system bus structures. The Data bus of the
HT6116-70 is designed as a tri-state type. The
IC is in the standby mode if the CS pin is set to
“high”.
Features
•
Single 5V power supply
•
Low power consumption
–
Operating: 400mW (Typ.)
–
Standby: 5
µW (Typ.)
•
70ns (Max.) high speed access time
•
Power down by pin CS
•
TTL compatible interface levels
•
Fully static operation
•
Memory expansion by pin OE
•
Common I/O using tri-state outputs
•
Pin-compatible with standard 2K
×8 bits of
EPROM/MASK ROM
•
24-pin DIP/SDIP/SOP package
1
3rd July ’97


Similar Part No. - HT6116

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT611 HOLTEK-HT611 Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
More results

Similar Description - HT6116

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY6264 HYNIX-HY6264 Datasheet
578Kb / 11P
8KX8-Bit CMOS SRAM
HY6264A HYNIX-HY6264A Datasheet
492Kb / 6P
8KX8-Bit CMOS SRAM
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
32K x 8-BIT CMOS SRAM
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
CMOS SRAM 256K-BIT(32KX8)
logo
fujitsu semiconductor
MB8421 FUJITSU-MB8421 Datasheet
612Kb / 14P
CMOS 16K-BIT DUAL-PORT SRAM
logo
AMIC Technology
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com