Electronic Components Datasheet Search
  English  ▼

X  

HT6116 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6116
Description  CMOS 2Kx8-Bit SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6116 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6116 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A.C. Characteristics
Read cycle
(VDD=5V
±10%, GND=0V, Ta=–40°C to +85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tRC
Read Cycle Time
70
36
—
ns
tAA
Address Access Time
—
35
70
ns
tACS
Chip Select Access Time
—
35
70
ns
tOE
Output Enable to Output Valid
—
12
40
ns
tOH
Output Hold from Address Change
10
12
—
ns
tCLZ
Chip Enable to Output in Low-Z
10
—
—
ns
tOLZ
Output Enable to Output in Low-Z
10
—
—
ns
tOHZ
Output Disable to Output in High–Z
0
—
30
ns
tCHZ
Chip Disable to Output in High-Z
0
—
30
ns
Note: 1. A read occurs during the overlap of a low CS and a high WE
2. tCHZ and tOHZ are specified by the time when data out is floating
Write cycle
(VDD=5V
±10%, GND=0V, Ta=–40°C to +85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tWC
Write Cycle Time
70
36
—
ns
tDW
Data Set up Time
20
18
—
ns
tDH
Data Hold Time from Write Time
5
0
—
ns
tAW
Address Valid to End of Write
50
15
—
ns
tAS
Address Setup Time
20
14
ns
tWP
Write Pulse Width
25
0
—
ns
tWR
Write Recovery Time
5
—
—
ns
tCW
Chip Selection to End of Write
35
—
—
ns
tOW
Output Active from End of Write
5
—
—
ns
tOHZ
Output Disable to Output in High-Z
0
—
40
ns
tWHZ
Write to Output in High-Z
0
—
50
ns
Note: 1. A write cycle occurs during the overlap of a low CS and a low WE
2. OE may be both high and low in a write cycle
3. tAS is specified from CS or WE, whichever occurs last
4. tWP is an overlap time of a low CS and a low WE
5. tWR, tDW and tDH is specified from CS or WE, whichever occurs first
6. tWHZ is specified by the time when DATA OUT is floating, not defined by output level
7. When I/O pins are data output mode, don’t force inverse signals to those pins
HT6116-70
4
3rd July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com