Electronic Components Datasheet Search
  English  ▼

X  

MP020-5GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP020-5GS
Description  Offline, Primary-Side Regulator with CC/CV Control and a 700V FET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP020-5GS Datasheet HTML 1Page - Monolithic Power Systems MP020-5GS Datasheet HTML 2Page - Monolithic Power Systems MP020-5GS Datasheet HTML 3Page - Monolithic Power Systems MP020-5GS Datasheet HTML 4Page - Monolithic Power Systems MP020-5GS Datasheet HTML 5Page - Monolithic Power Systems MP020-5GS Datasheet HTML 6Page - Monolithic Power Systems MP020-5GS Datasheet HTML 7Page - Monolithic Power Systems MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP020-5 – OFFLINE, PRIMARY-SIDE REGULATOR WITH CC/CV CONTROL AND A 700V FET
MP020-5 Rev. 1.05
www.MonolithicPower.com
4
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Leakage Current vs.
Junction Temperature
Breakdown Voltage vs.
Junction Temperature
VCC OFF Threshold vs.
Junction Temperature
Feedback Threshold vs.
Junction Temperature
VCC ON Threshold vs.
Junction Temperature
FB Open Circuit Threshold
vs. Junction Temperature
FB OVP Threshold vs.
Junction Temperature
DCM Detect Threshold
vs. Temperature Chart
Charge Current vs.
Junction Temperature
400
450
500
550
600
650
700
-50 -25
0
25
50 75 100 125
-50 -25
0
25
50 75 100 125
-50 -25
0
25
50 75 100 125
-50 -25
0
25
50 75 100 125
-50 -25
0
25
50 75 100 125
-50 -25
0
25
50 75 100 125
-50 -25
0
25
50 75 100 125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50 -25
0
25
50 75 100 125
-50 -25
0
25
50 75 100 125
500
550
600
650
700
750
800
850
15.0
15.5
16.0
16.5
17.0
17.5
18.0
5.00
5.25
5.50
5.75
6.00
6.25
6.50
6.75
7.00
3.900
3.925
3.950
3.975
4.000
4.025
4.050
4.075
4.100
0.100
0.105
0.110
0.115
0.120
0.125
0.130
-0.200
-0.180
-0.160
-0.140
-0.120
-0.100
-0.080
-0.060
-0.040
-0.020
0.000
5.000
5.250
5.500
5.750
6.000
6.250
6.500
6.750
7.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com