Electronic Components Datasheet Search
  English  ▼

X  

MP020-5GS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP020-5GS
Description  Offline, Primary-Side Regulator with CC/CV Control and a 700V FET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP020-5GS Datasheet HTML 8Page - Monolithic Power Systems MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems MP020-5GS Datasheet HTML 10Page - Monolithic Power Systems MP020-5GS Datasheet HTML 11Page - Monolithic Power Systems MP020-5GS Datasheet HTML 12Page - Monolithic Power Systems MP020-5GS Datasheet HTML 13Page - Monolithic Power Systems MP020-5GS Datasheet HTML 14Page - Monolithic Power Systems MP020-5GS Datasheet HTML 15Page - Monolithic Power Systems MP020-5GS Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP020-5 – OFFLINE, PRIMARY-SIDE REGULATOR WITH CC/CV CONTROL AND A 700V FET
MP020-5 Rev. 1.05
www.MonolithicPower.com
12
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OVP & OCkP
The MP020-5 includes over-voltage protection
(OVP) and open-circuit protection (OCkP). If the
voltage at the FB pin exceeds 6.35V for 3.5µs,
or the FB input’s 0.15V falling edge cannot be
monitored, the MP020-5 immediately shuts off
the driving signals and enters hiccup mode. The
MP020-5 resumes normal operation when the
fault has been removed.
Thermal Shutdown (TSD)
When the temperature of the IC exceeds 150°C,
over-temperature protection (OTP) triggers and
the IC enters the auto recovery mode. When
the temperature falls below 120°C, the IC will
recover.
Output Cable Compensation
In order to compensate the secondary side
cable voltage drop for a more precise output
voltage, the MP020-5 has an internal output
cable compensation circuit as shown in Figure
8. The internal ZCD sample can detect the duty
of the secondary-side diode. A low-pass filter
converts the duty signal to a DC voltage (VCP)
that changes as the load current varies.
VCP can be converted to a current signal drawn
from the FB pin. The voltage drop on RUP helps
the output cable compensation. When the
system operates in maximum load, the CP pin
voltage reaches a maximum of 2V.
CP
DS
+ -
VCP
*
*
T1
Vo
FB
RUP
RDOWN
VFCP
Figure 8: Output Cable Compensator
The
equation
below
determines
the
compensation voltage:
P_ AU
SS
FCP
UP
3
5.6 D
N
V2 R
360 10
N
×
=× ×
×
×
;
Where:
• VFCP is the secondary-side compensation
voltage drop,
• DS is the secondary-diode duty cycle in CC
mode (0.4 for the MP020-5),
• RUP is the upper resistor of resistor divider,
• NS is the number of turns for the secondary-
side transformer windings, and
• NP_AU is the number of transformer auxiliary
winding turns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com